Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572IQ2T Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSB572IQ2T
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IQ2T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSB572IQ2T Datasheet HTML 9Page - STMicroelectronics TSB572IQ2T Datasheet HTML 10Page - STMicroelectronics TSB572IQ2T Datasheet HTML 11Page - STMicroelectronics TSB572IQ2T Datasheet HTML 12Page - STMicroelectronics TSB572IQ2T Datasheet HTML 13Page - STMicroelectronics TSB572IQ2T Datasheet HTML 14Page - STMicroelectronics TSB572IQ2T Datasheet HTML 15Page - STMicroelectronics TSB572IQ2T Datasheet HTML 16Page - STMicroelectronics TSB572IQ2T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Figure 15. Output current vs. output voltage at VCC = 36 V
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
-70
-56
-42
-28
-14
0
14
28
42
56
70
-70
-56
-42
-28
-14
0
14
28
42
56
70
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
Vcc=36V
Output Voltage (V)
Figure 16. Output voltage (Voh) vs. supply voltage
4
8
12
16
20
24
28
32
36
0
10
20
30
40
50
60
70
80
90
100
110
T=25°C
T=-40°C
T=125°C
Vid=0.1V
Rl=10kΩ to Vcc/2
Power supply voltage (V)
Figure 17. Output voltage (Vol) vs. supply voltage
4
8
12
16
20
24
28
32
36
0
5
10
15
20
25
30
35
40
T=25°C
T=-40°C
T=125°C
Vid=-0.1V
Rl=10kΩ to Vcc/2

Power supply voltage (V)
Figure 18. Negative slew rate at VCC = 36 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Time (µs)
Vcc=36V
Vicm=Vcc/2
Rl=10kΩ
Cl=100pF
T=25°C
T=-40°C
T=125°C
Figure 19. Positive slew rate at VCC = 36 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Time (µs)
Vcc=36V
Vicm=Vcc/2
Rl=10kΩ
Cl=100pF
T=25°C
T=-40°C
T=125°C
Figure 20. Slew rate vs. supply voltage
4.0
8.0 12.0 16.0 20.0 24.0 28.0 32.0 36.0
4.0
8.0 12.0 16.0 20.0 24.0 28.0 32.0 36.0
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
T=-40°C
Vicm=Vcc/2
Vload=Vcc/2
Rl=10kΩ
Cl=100pF
T=125°C T=25°C
Supply Voltage (V)
TSB571, TSB572
Electrical characteristics
DS11248 - Rev 7
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com