Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572IQ2T Datasheet(PDF) 28 Page - STMicroelectronics

Part # TSB572IQ2T
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IQ2T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TSB572IQ2T Datasheet HTML 23Page - STMicroelectronics TSB572IQ2T Datasheet HTML 24Page - STMicroelectronics TSB572IQ2T Datasheet HTML 25Page - STMicroelectronics TSB572IQ2T Datasheet HTML 26Page - STMicroelectronics TSB572IQ2T Datasheet HTML 27Page - STMicroelectronics TSB572IQ2T Datasheet HTML 28Page - STMicroelectronics TSB572IQ2T Datasheet HTML 29Page - STMicroelectronics TSB572IQ2T Datasheet HTML 30Page - STMicroelectronics TSB572IQ2T Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Contents
1
Package pin connections ..........................................................2
2
Absolute maximum ratings and operating conditions ..............................4
3
Electrical characteristics...........................................................5
4
Application information ...........................................................17
4.1
Operating voltages ............................................................ 17
4.2
Input pin voltage ranges ........................................................ 17
4.3
Rail-to-rail input ............................................................... 17
4.4
Input offset voltage drift over temperature ......................................... 17
4.5
Long term input offset voltage drift ............................................... 18
4.6
Capacitive load ............................................................... 19
4.7
PCB layout recommendations ................................................... 19
4.8
Optimized application recommendation ........................................... 20
5
Package information..............................................................21
5.1
SOT23-5 package information................................................... 21
5.2
MiniSO8 package information ................................................... 22
5.3
DFN8 3x3 package information .................................................. 23
5.4
SO-8 package outline .......................................................... 25
6
Ordering information .............................................................26
Revision history .......................................................................27
TSB571, TSB572
Contents
DS11248 - Rev 7
page 28/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com