Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # IRF540D
Description  N -Channel Power MOSFET (100V/27A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF540D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  IRF540D Datasheet HTML 1Page - First Silicon Co., Ltd IRF540D Datasheet HTML 2Page - First Silicon Co., Ltd IRF540D Datasheet HTML 3Page - First Silicon Co., Ltd IRF540D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2019. 12. 23
2/4
IRF540D
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
(BR)DSS
VGS = 0V, ID =250µA
100
V
Zero gate voltage drain current
DSS
V DS =100V, VGS =0V
25
µA
Gate-body leakage current
GSS
VDS =0V, VGS =±20V
±
100
nA
On characteristics (note2)
V
e
g
a
t
l
o
v
d
l
o
h
s
e
r
h
t
-
e
t
a
G
GS(th)
VDS =VGS, ID =250µA
2
4
V
Static drain-source on-resistance
DS(on)
VGS =10V,ID =16A
mΩ
Forward transconductance
fs
VDS =50V, ID =7.5A
3.8
S
Dynamic characteristics (note 3)
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
iss
800
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
t
u
O
oss
240
Reverse transfer capacitance
rss
VDS =25V,VGS =0V,f =1MHz
76
pF
Switching characteristics (note 3)
t
e
m
i
t
y
a
l
e
d
n
o
-
n
r
u
T
d(on)
9.4
t
e
m
i
t
e
s
i
r
n
o
-
n
r
u
T
r
28
t
e
m
i
t
y
a
l
e
d
f
f
o
-
n
r
u
T
d(off)
39
t
e
m
i
t
ll
a
f
f
f
o
-
n
r
u
T
f
VDD=100V, VGS=10V,
RG=12Ω, ID =5.9A
20
ns
Drain-Source Diode Characteristics
Drain-source diode forward voltage(note2)
SD
VGS = 0V, IS =14A
2
V
Continuous drain-source diode forward
current(note4)
IS
9.3
A
Pulsed drain-source diode forward current
SM
37
A
Notes :
1.
L=4.6mH, IL=9.9A, VDD=50V, RG=25Ω,Starting TJ=25℃
.
2.
Pulse Test : Pulse width ≤300µs, duty cycle ≤2%.
3.
Guaranteed by design,not subject to production
4.
Surface mounted on FR4 board, t≤10s
V
I
I
R
g
C
V
I
34
44



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com