Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540D Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # IRF540D
Description  N -Channel Power MOSFET (100V/27A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF540D Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  IRF540D Datasheet HTML 1Page - First Silicon Co., Ltd IRF540D Datasheet HTML 2Page - First Silicon Co., Ltd IRF540D Datasheet HTML 3Page - First Silicon Co., Ltd IRF540D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2019. 12. 23
3/4
IRF540D
Revision No : 0
TYPICAL CHARACTERISTICS (Ta=25℃, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 3 - Typical Output Characteristics, TC = 175 °C
Fig. 2 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Source-Drain Diode Forward Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com