Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3224 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC3224
Description  High End 24-Bit Sensor Signal Conditioner IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3224 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3224 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
ZSSC3224 Datasheet
© 2018 Integrated Device Technology, Inc
13
November 12, 2018
Figure 5.2 ZSSC3224 Functional Block Diagram with Voltage-Source Sensor
AGND / CM
Generator
Bias Current
Generator
Power-On
Reset (POR)
Temperature
Reference
Sensor
DSP Core
(Calculations,
Communication)
MTP
System
Control
Unit
Pre-amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Oscillator
Clock
Generator
SPI
I2C
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Voltage Regulator
Power Ctr.
Vreg int
A
D
24-Bit
VDDB
ZSSC3224
RES
The amplifier consists of two stages with programmable gain values.
The ZSSC3224 employs a programmable analog-to-digital converter (ADC) optimized for conversion speed and noise suppression. The
programmable resolution from 12 to 24 bits provides flexibility for adapting the conversion characteristics. To improve power supply noise
suppression, the ADC uses the bridge supply VDDB as its reference voltage leading to a ratiometric measurement topology if the external sensor
is a bridge-type element.
The remaining ZSSC3224-internal offset and the sensor element offset, i.e., the overall system offset for the amplifier and ADC, can be canceled
by means of an offset and auto-zero measurement, respectively.
The DSP accomplishes the auto-zero, span, and 1st and 2nd order temperature compensation of the measured external sensor signal. The
correction coefficients are stored in the MTP memory.
The ZSSC3224 supports SPI and I2C interface communication for controlling the ZSSC3224, configuration, and measurement result output.
5.3
Analog Front End
5.3.1 Amplifier
The amplifier has a fully differential architecture and consists of two stages. The amplification of each stage and the external sensor gain polarity
are programmable via settings in the Measurement Configuration Register SM_config1 and SM_config2 (addresses 12HEX and 16HEX; see
section 6.6.2) in the MTP memory (for details, see section 5.4.2).
Note: Only one of these two possible configurations is used for the measurement. The default configuration is SM_config1. Alternately,
SM_config2 can be implemented by sending a command to select this configuration for the measurement (see section 6.5.1). The term
SM_config is used in explanations for general register content and functionality for both SM_config1 and SM_config2, as the registers’ bit
assignments are exactly the same for both registers.
The first 6 bits of SM_config are the programmable gain settings Gain_stage1 and Gain_stage2. The options for the programmable gain settings
are listed in Table 5.1 and Table 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com