Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3224 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3224
Description  High End 24-Bit Sensor Signal Conditioner IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3224 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3224 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3224 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ZSSC3224 Datasheet
© 2018 Integrated Device Technology, Inc
21
November 12, 2018
Figure 6.1 Interrupt Functionality
6.4 Operational Modes
Figure 6.2 illustrates the ZSSC3224 power-up sequence and subsequent operation depending on the selected interface communication mode
(I2C or SPI) as determined by interface-related first activities after power-up or reset. If the first command after power-up is a valid I2C command,
the interface will function as an I2C interface until the next power-on reset (POR). If there is no valid I2C command, but an active signal at the
SS pin is detected as the first valid activity, then the interface will respond as an SPI slave. With either interface, after the voltage regulators
are switched on, the ZSSC3224’s low-voltage section (LV) is active while the related interface configuration information is read from memory.
Then the LV section is switched off, the ZSSC3224 goes into Sleep Mode, and the interface is ready to receive commands. The interface is
always powered by VDD, so it is referred to as the high voltage section (HV).
See Table 6.1 for definitions of the commands.
Time
Measurement
Result
0
max.
threshold 1
threshold 2
Time
0
1
EOC / INT
Case A:
threshold1 > threshold2
Time
Measurement
Result
0
max.
threshold 2
threshold 1
Time
0
1
EOC / INT
Case B:
threshold1 < threshold2
Time
Measurement
Result
0
max.
threshold 1
Time
0
1
EOC / INT
INT_setup=01:
Measurement < threshold1
Time
Measurement
Result
0
max.
threshold 1
Time
0
1
EOC / INT
INT_setup=10:
Measurement > threshold1
INT_setup=11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com