Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC-3549 Datasheet(PDF) 2 Page - 3M Electronics

Part # EC-3549
Description  3M??Scotch-Weld??Urethane Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3549 Datasheet(HTML) 2 Page - 3M Electronics

  EC-3549 Datasheet HTML 1Page - 3M Electronics EC-3549 Datasheet HTML 2Page - 3M Electronics EC-3549 Datasheet HTML 3Page - 3M Electronics EC-3549 Datasheet HTML 4Page - 3M Electronics EC-3549 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data Sheet
3M™ Scotch-Weld™ Urethane Adhesive EC-3549 B/A NF
Typical Cured Physical Properties
Note: The following technical information and data should be considered representative or typical only and should not be
used for specification purposes.
Property
EC-3549 B/A NF
Appearance
Brown
Shore A Hardness (ASTM D 2240)
70-80
Time to Handling Strength1
6-8 hrs @ 23°C (73°F)
Cure Time2
7 days @ 23°C (73°F)
Elongation3
100%
Electrical
EC-3549 B/A NF
Dielectric Constant (ASTM D 150)
5.9 @ 1 KHz @ 23°C
Dissipation Factor (ASTM D 150)
0.12 @ 1 KHz @ 23°C
Dielectric Strength (ASTM D 149)
470 volts/mil
Volume Resistivity (ASTM D 257)
2.6 x 1014 ohm-cm
1
Handling strength determined per 3M test method C-3179. Time to handling strength taken to be that time
required to achieve 50 psi OLS strength using aluminum substrates.
2
The cure time is defined as that time required for the adhesive to achieve a minimum of 80% of the ultimate
strength as measured by aluminum - aluminum OLS.
3
Elongation is determined using 3M test method C-3094/ASTM D 882.
Typical Adhesive Performance Characteristics
I. Aluminum, Overlap Shear, at Temperature (PSI) (ASTM D1002)
Note: The following technical information and data should be considered representative or typical only and should not be
used for specification purposes.
Temperature
EC-3549 B/A NF
-40°F (-40°C)
3300
73°F (23°C)
2160
180°F (82°C) (15 min.)1
450
1
Represents time in test chamber oven before test.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com