Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC-3549 Datasheet(PDF) 3 Page - 3M Electronics

Part # EC-3549
Description  3M??Scotch-Weld??Urethane Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3549 Datasheet(HTML) 3 Page - 3M Electronics

  EC-3549 Datasheet HTML 1Page - 3M Electronics EC-3549 Datasheet HTML 2Page - 3M Electronics EC-3549 Datasheet HTML 3Page - 3M Electronics EC-3549 Datasheet HTML 4Page - 3M Electronics EC-3549 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data Sheet
3M™ Scotch-Weld™ Urethane Adhesive EC-3549 B/A NF
II. Overlap Shear, Tested @ 73°F (23°C) (PSI) (ASTM D1002)
Note: The following technical information and data should be considered representative or typical only and should not be
used for specification purposes.
Product
EC-3549 B/A NF
Aluminum
MEK/abrade/MEK
2160
Cold Rolled Steel
MEK/abrade/MEK
1960
Nylon
IPA/abrade/IPA
740
Polycarbonate
IPA/abrade/IPA
1210
Acrylic
IPA/abrade/IPA
1150
SMC
IPA/abrade/IPA
900
Rigid PVC
IPA/abrade/IPA
1180
ABS
IPA/abrade/IPA
1160
HIPS
IPA/abrade/IPA
460
III. Aluminum, Floating Roller Peel, Tested @ 73°F (23°C) (PIW) (ASTM D3167)
Temperature
EC-3549 B/A NF
73°F (23°C)
64
IV. Environmental Resistance, Aluminum (etched)
Measured by Overlap Shear Tested @ 73°F (23°C) (PSI) (ASTM D1002
Environment
Conditions
EC-3549 B/A NF
Room Temperature 73°F(23°C)/50% RH, 30 days
100%
Water Vapor
150°F (66°C)/ 80% RH, 30 days
100%
IPA
73°F(23°C, 30 days, tested on ABS
100%
Substrates and Testing
I. Overlap Shear (ASTM D1002)
Overlap Shear (ASTM D1002, 3M Test Method C-244) strength was measured on 1" wide x 1/2" overlap
specimen. These bonds were made individually using 1" x 4" pieces of substrates except for Aluminum. Two
panels 0.063 in. thick, 4 in. x 7 in of 2024T-3 clad aluminum were bonded and cut into 1 in. wide samples after
24 hours. The thickness of the adhesive bond line was approximately 0.005". All strengths were measured at
73°F (23°C) except when noted.
The separation rate of the testing jaws was 0.1 in. per minute for metals, 2 in. per minute for plastics and 20 in.
per minute for rubbers. The thickness of the substrates were: steel, 0.060 in.; other metals, 0.05-0.064 in.;
rubbers, 0.125in.; plastics, 0.125 in. and samples were allowed to cure at 75°F (24°C) and approximately 50%
RH for 1 week before tested. The separation rate of the testing jaws was 0.1 inch per minute for metals and 2
inches per minute for plastics.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com