Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2802R5S/EM Datasheet(PDF) 5 Page - International Rectifier

Part # Z2802R5S/EM
Description  LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

Z2802R5S/EM Datasheet(HTML) 5 Page - International Rectifier

  Z2802R5S/EM Datasheet HTML 1Page - International Rectifier Z2802R5S/EM Datasheet HTML 2Page - International Rectifier Z2802R5S/EM Datasheet HTML 3Page - International Rectifier Z2802R5S/EM Datasheet HTML 4Page - International Rectifier Z2802R5S/EM Datasheet HTML 5Page - International Rectifier Z2802R5S/EM Datasheet HTML 6Page - International Rectifier Z2802R5S/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
Z-SERIES
Flight Screening for Z-Series
Typical MTBF for Z-Series
MTBF vs Temperature
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
0
1020
30405060
708090
Base Plate Temperature
Test
No.
Description
Conditions
Comments
1.
100% Full Functional Electrical Test (Group A)
25°C (Subgroup 1) only
2.
100% Temperature Cycle, Operational
-40°C to +100°C, 5 Cycles
Record Vin, Iin and Vout
3.
100% Full Functional Electrical Test (Group A)
25°C (Subgroup 1) only
4.
Sample Group A, Min, Max temperature
-40°C, +85°C (Subgroups 2, 3)
Sample 5(0)
5.
100% Burn-in
+85°C Baseplate, 96 Hours
6.
100% Random Vibration, 3-Axis operational
MIL-STD-883, Method 2026,
Cond 1G, 1 minute each axis
Record Vin, Iin and Vout
7.
100% Full Functional Electrical Test (Group A)
3 temperature
-40°C, +25°C, +85°C
(Subgroups 1, 2, 3)
Read and record data



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com