Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2802R5S/EM Datasheet(PDF) 7 Page - International Rectifier

Part # Z2802R5S/EM
Description  LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

Z2802R5S/EM Datasheet(HTML) 7 Page - International Rectifier

  Z2802R5S/EM Datasheet HTML 1Page - International Rectifier Z2802R5S/EM Datasheet HTML 2Page - International Rectifier Z2802R5S/EM Datasheet HTML 3Page - International Rectifier Z2802R5S/EM Datasheet HTML 4Page - International Rectifier Z2802R5S/EM Datasheet HTML 5Page - International Rectifier Z2802R5S/EM Datasheet HTML 6Page - International Rectifier Z2802R5S/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
Z-SERIES
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 08/03
Mechanical Diagram
2.410
Ma x
3.060
3.510
Ma x
1.960
0.50
Ø 0.143
T h ru 5 places
0.060D ×
0.240 L M a x
6 P ins
M ountin g P lane
+ .004
-.0 03
0.767
1.425
3 = S paces
@ 0.454 = 1.362
56
78
2
1
12 3
4
0.30
0.40
0.44
0.220
0.220
0.375
0.125
0.34
0.40
0.20
0.133
0.133
0.740
Ma x
0.015
0.031D ×
0.220 L M a x
6 P ins
0.473
0.725 m a x
Hig hest
C o m ponent
Tolerance unless otherwise specified:
x.xx
±0.010
x.xxx ±0.005



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com