Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3185 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF3185
Description  Scotch-WeldTM Structural Adhesive Film
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3185 Datasheet(HTML) 2 Page - 3M Electronics

  AF3185 Datasheet HTML 1Page - 3M Electronics AF3185 Datasheet HTML 2Page - 3M Electronics AF3185 Datasheet HTML 3Page - 3M Electronics AF3185 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 3185
- 2 -
Application
Proper application is as important as proper design and laminating adhesive choice to
obtain maximum laminate properties. Improper laminating techniques can result in
partial or complete failure of an assembly.
Laminate Preparation:
Laminate Lay-up:
1. Cut portion of film to be used with protective liner in place.
2. Place film on part.
3. Roll in place with rubber roller. Heating film slightly will increase its tackiness.
4. Remove protective liner.
5. Repeat procedure until the desired number of plies are obtained.
Mechanical
Performance
75°F
4600 psi
31.7 MPa
Overlap Shear
ASTM D 1002
Metal: FPL etched 2024-T3 bare aluminum
Cure cycle: 200 ± 5°F - 12 to 15 psig - 6 hours - 9°F/minute rise rate
Test load rate: 1200-1400 psi/minute (0.05 inches/minute)
Test Temp
Peel Rate
Peel Strength
75°F
1"/min
41 in lb/in
75°F
3"/min
47 in lb/in
Metal to Metal Climbing Drum Peel
ASTM D 1781
Metal: FPL etched 2024-T3 clad aluminum
Cure cycle: 235 ± 5°F - 35 psig - 90 minutes - 5°F/minute rise rate



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com