Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3185 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF3185
Description  Scotch-WeldTM Structural Adhesive Film
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3185 Datasheet(HTML) 3 Page - 3M Electronics

  AF3185 Datasheet HTML 1Page - 3M Electronics AF3185 Datasheet HTML 2Page - 3M Electronics AF3185 Datasheet HTML 3Page - 3M Electronics AF3185 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 3185
- 3 -
Cure Cycle
A. General Cure Requirements
The cure requirements for Scotch-Weld AF 3185 film are a function of Scotch-
Weld AF 3185 film properties. Specific application, equipment available,
production limitations and bond properties required. General cure properties of
Scotch-Weld AF 3185 film are as follows:
1. Cure Pressure:
Pressure is required during cure to form a high strength bond. Pressure may be
applied by use of an autoclave, press, or vacuum bag.
2. Cure Temperature:
The cure temperature may be varied from 200°F to 350°F (93°C to 177°C)
depending upon the materials being used, equipment available and properties
desired. Scotch-Weld AF 3185 film will soften as temperature is increased and
cure will be initiated at 200°F (93°C) and a low strength gel formed.
Continued heating chemically converts this gel into a high strength, solvent
resistance bondline.
3. Cure Time:
Cure time depends upon the cure temperature used, methods heat application,
production limitations and bond properties required. Since no two operations
are exactly alike, it is recommend that a few simple experiments be conducted
varying both temperature and cure time to determine optimum conditions for
the particular application.
B. Suggested Cure Cycle
The following cure cycle has been used to obtain high strength bonds in our
laboratory.
1. Apply a positive pressure of 25 psi (0.17 MPa) and maintain throughout the
cure cycle.
2. Raise the temperature from ambient to 250°F (121°C) at a 5°F/minute rise rate
(2.8°C/minute rise).
3. Cure for 60 minutes at 250°F (121°C).
4. Cool to below 100°F (38°C) prior to release of positive pressure.
Storage
Scotch-Weld AF 3185 film must be stored at 0°F (-18°C) for lower. It should be
permitted to warm thoroughly to room temperature before using to prevent moisture
condensation.
Shelf Life
When stored at 0°F (-18°C) or below, the 3M Standard shelf life for Scotch-Weld
AF 3185 film is 6 months from date of shipment from 3M.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com