Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF536 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF536
Description  3M™ Scotch-Weld™ Composite Surfacing and Lightning Protection Film
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF536 Datasheet(HTML) 2 Page - 3M Electronics

  AF536 Datasheet HTML 1Page - 3M Electronics AF536 Datasheet HTML 2Page - 3M Electronics AF536 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Scotch-Weld™ Composite Surfacing
and Lightning Protection Film AF 536
Product Application Guidelines
Where the AF 536 includes a conductor, it is intended to be applied so the surface of the film adjacent to the paper liner becomes the
exterior surface of the cured part.
Proper application of AF 536 surfacing film is a key factor in achieving a smooth, void-free surface. The major objective of the
following procedure is to minimize air entrapment between the surfacing film and the tool surface or composite material. Improper
lay-up or debulking could result in a rough surface that may require additional finishing.
AF 536 Preparation
1. Allow AF 536 surfacing film to warm to room temperature before removing
the roll from the sealed poly bag. Bag should be dry and free of condensation
before opening.
2. AF 536 is provided in roll form. This material may be cut on automated cutting
equipment designed for composite kit cutting.
3. Completely remove the paper liner from cut pieces at a 180 degree angle in one
motion to prevent wrinkling and transfer of adhesive to the paper liner. This will
minimize damage and provide optimal handling characteristics.
Guidelines for Application on a Tool Surface
1. After removing the paper liner, apply the film to a tool surface treated with mold
release agent. A gradual rolling out technique is suggested. Remove entrapped
air with a rubber roller. Use firm pressure and roll from the center of the film toward
the edges, gradually working air out from under the film. Remove enough poly
liner for adjacent films to overlap as needed. Repeat as needed to cover the
designated area.
2. Cover AF 536 surfacing film with a release film, breather cloth, and vacuum
bag. Debulk using standard vacuum bagging procedures. A minimum of 635 mm
(25 in.) Hg and a temperature of 16 to 27°C (60 to 80°F) for duration of five
minutes is suggested.
3. Carefully remove the bag, breather cloth and release film.
4. Remove remaining liners. Complete the layup and cure.
Guidelines for Application on a Debulked
Prepreg Layup
1. If the AF 536 film includes a conductor, replace the paper liner with a conformable
polymer liner (not supplied). Remove the blue poly liner that was provided with the
AF 536 film and apply the film to the debulked prepreg layup surface. A gradual
rolling out technique is suggested. Remove entrapped air with a rubber roller.
Use firm pressure and roll from the center of the film toward the edges, gradually
working air out of the part. Remove enough poly liner for adjacent films to overlap
as needed. Repeat as needed to cover the designated area.
2. Cover AF 536 surfacing film with a release film, breather cloth, and vacuum
bag. Debulk using standard vacuum bagging procedures. A minimum of 635 mm
(25 in.) Hg and a temperature of 16 to 27°C (60 to 80°F) for duration of five
minutes is suggested.
3. Carefully remove the bag, breather cloth and release film.
4. Remove remaining liners. Complete the layup and cure.
Note: While this information is provided as a general application guideline based upon typical conditions, it is recognized that no two applications are
identical due to differing assemblies, method of heat and pressure application, production equipment and other limitations. It is therefore suggested
that experiments be run, within the actual constraints imposed, to determine optimum conditions for your specific application and to determine
suitability of product for particular intended use.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com