Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF536 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF536
Description  3M™ Scotch-Weld™ Composite Surfacing and Lightning Protection Film
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF536 Datasheet(HTML) 3 Page - 3M Electronics

  AF536 Datasheet HTML 1Page - 3M Electronics AF536 Datasheet HTML 2Page - 3M Electronics AF536 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M™ Scotch-Weld™ Composite Surfacing
and Lightning Protection Film AF 536
Suggested Cure Cycle
Curable in cycles used to cure most epoxy prepregs. Temperature rise rate between
1-10°C per minute (2-20°F per minute). Allowable to vent vacuum when the autoclave
pressure reaches approximately 0.10-0.14MPa (15-20 PSI). Hold at least 60 minutes
at 121°C (250°F) or 177°C (350°F) with at least 0.07MPa (10 PSI) pressure.
Suggested Finishing Techniques
Proper use of AF 536 film will help reduce or eliminate most of the materials and labor
involved in typical fill and sand operations prior to painting. AF 536 will give a glossy,
smooth pin hole free finish. Light sanding is suggested to remove mold release agent
and to dull the glossy finish for adhesion of the paint.
1. Remove any residual tool release coating from the cured AF 536 surfacing film by
wiping with an unsized cheese cloth lightly saturated with 3M General Purpose
Cleaner #0898.
Wipe dry with unsized cheesecloth.
*Note: When using solvents, follow the manufacturer’s precautions and directions for use.
2. Composite parts surfaced with AF 536 surfacing film can be finished with either
hand sanding or machine sanding methods.
a. Suggested sanding instructions
Use 360 grit or finer abrasive to scuff the surface lightly to remove gloss.
If the AF 536 film includes a conductor, a veil protects the conductor from
damage; however, heavier grits or high pressure on the abrasive may expose
the underlying conductor.
3. Panels surfaced with AF 536 surfacing film can be primed and painted using standard
aerospace painting procedures for composite parts.
Shelf Life and Storage
Conditions:
Standard Shelf Life for
3M™ Scotch-Weld™
Composite Surfacing and
Lightning Protection Film AF
536 is 12 months from date
of shipment when stored
at -18°C (0°F) or below in
original unopened container.
The suggested maximum
out-time of AF 536 is
45 days when stored below
27°C (80°F).
Note: AF 536 film should be
permitted to thoroughly warm to
room temperature before being
used in order to prevent moisture
condensation. (Do not open
protective container prior to
reaching ambient conditions.)
Technical Information: The technical information, guidance, and other statements contained in this document or otherwise provided by 3M are based
upon records, tests, or experience that 3M believes to be reliable, but the accuracy, completeness, and representative nature of such information is not
guaranteed. Such information is intended for people with knowledge and technical skills sufficient to assess and apply their own informed judgment to
the information. No license under any 3M or third party intellectual property rights is granted or implied with this information.
Product Selection and Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance
of a 3M product in a particular application. As a result, customer is solely responsible for evaluating the product and determining whether it is
appropriate and suitable for customer’s application, including conducting a workplace hazard assessment and reviewing all applicable regulations and
standards (e.g., OSHA, ANSI, etc.). Failure to properly evaluate, select, and use a 3M product and appropriate safety products, or to meet all applicable
safety regulations, may result in injury, sickness, death, and/or harm to property.
Warranty, Limited Remedy, and Disclaimer: Unless a different warranty is specifically stated on the applicable 3M product packaging or product
literature (in which case such warranty governs), 3M warrants that each 3M product meets the applicable 3M product specification at the time 3M
ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR ARISING OUT OF A COURSE OF
DEALING, CUSTOM, OR USAGE OF TRADE. If a 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option,
replacement of the 3M product or refund of the purchase price.
Limitation of Liability: Except for the limited remedy stated above, and except to the extent prohibited by law, 3M will not be liable for any loss or
damage arising from or related to the 3M product, whether direct, indirect, special, incidental, or consequential (including, but not limited to, lost
profits or business opportunity), regardless of the legal or equitable theory asserted, including, but not limited to, warranty, contract, negligence, or
strict liability.
Automotive & Aerospace Solutions Division
3M Center
St. Paul, MN 55144-1000
Phone: 1-800-328-1684
Web: www.3M.com/aerospace
Issue date: 7/2019
3M and Scotch-Weld are
trademarks of 3M Company.
© 3M 2018. All rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com