Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV792 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSV792
Description  High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV792 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSV792 Datasheet HTML 18Page - STMicroelectronics TSV792 Datasheet HTML 19Page - STMicroelectronics TSV792 Datasheet HTML 20Page - STMicroelectronics TSV792 Datasheet HTML 21Page - STMicroelectronics TSV792 Datasheet HTML 22Page - STMicroelectronics TSV792 Datasheet HTML 23Page - STMicroelectronics TSV792 Datasheet HTML 24Page - STMicroelectronics TSV792 Datasheet HTML 25Page - STMicroelectronics TSV792 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Generally, unity gain configuration is the worst situation for stability and the ability to drive large capacitive loads.
For additional capacitive load drive capability in unity-gain configuration, stability can be improved by inserting a
small resistor RISO (10 Ω to 22 Ω) in series with the output (see Figure 36). This resistor significantly reduces
ringing while maintaining DC performance for purely capacitive loads. However, if there is a resistive load in
parallel with the capacitive load, a voltage divider is created introducing a gain error at the output and slightly
reducing the output swing. The error introduced is proportional to the ratio RISO / RL. RISO modifies the maximum
capacitive load acceptable from a stability point-of-view as described in the figure below:
Figure 46. Test configuration for RISO
Please note that RISO = 22 Ω is sufficient to make the TSV79x stable whatever the capacitive load.
5.8
Resistor values for high speed op-amp design
Due to its high gain bandwidth product (GBP), this op-amp is particularly sensitive to parasitic impedances. Board
parasitics should be taken into account in any sensitive design. Indeed, excessive parasitics (both capacitive
and inductive) in the op-amp frequency range can alter performances and stability. These issues can often be
mitigated by lowering the resistive impedances.
More specifically, the RC network created by the schematic resistors (Rf and Rg) and the parasitic capacitances
of both the op-amp (as documented in Table 5 to Table 7 and illustrated in Figure 46) and the PCB can generate
a pole below or in the same order of magnitude than the closed-loop bandwidth of the circuit. In this case, the
feedback circuit is not able to fully play its role at high frequency, and the application can be unstable. This issue
can happen when the schematic gain is low (typically < 5), or the device is used in follower mode with a resistor in
the feedback. In these cases, it is advised to use a low value feedback resistor (Rf), typically 600 Ω.
Figure 47. Inverting amplifier configuration with parasitic input capacitances
TSV791, TSV792
Resistor values for high speed op-amp design
DS13480 - Rev 1
page 22/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com