Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV792 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TSV792
Description  High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV792 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TSV792 Datasheet HTML 28Page - STMicroelectronics TSV792 Datasheet HTML 29Page - STMicroelectronics TSV792 Datasheet HTML 30Page - STMicroelectronics TSV792 Datasheet HTML 31Page - STMicroelectronics TSV792 Datasheet HTML 32Page - STMicroelectronics TSV792 Datasheet HTML 33Page - STMicroelectronics TSV792 Datasheet HTML 34Page - STMicroelectronics TSV792 Datasheet HTML 35Page - STMicroelectronics TSV792 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Contents
1
Pin description ....................................................................2
1.1
TSV791 single operational amplifier ............................................... 2
1.2
TSV792 dual operational amplifier ................................................ 3
2
Absolute maximum ratings and operating conditions ..............................4
3
Electrical characteristics...........................................................5
4
Typical performance characteristics ..............................................11
5
Application information ...........................................................19
5.1
Operating voltages ............................................................ 19
5.2
Input offset voltage drift over the temperature ...................................... 19
5.3
Long term input offset voltage drift ............................................... 19
5.4
Unused channel .............................................................. 20
5.5
EMI rejection ................................................................. 20
5.6
Maximum power dissipation..................................................... 21
5.7
Capacitive load and stability .................................................... 21
5.8
Resistor values for high speed op-amp design ..................................... 22
5.9
Settling time .................................................................. 23
5.10
PCB layout recommendations ................................................... 23
5.11
Decoupling capacitor .......................................................... 24
5.12
Macro model ................................................................. 24
6
Typical applications ..............................................................25
6.1
Low-side current sensing ....................................................... 25
6.2
Photodiode transimpedance amplification ......................................... 25
7
Package information..............................................................27
7.1
DFN8 2x2 mm package information .............................................. 28
7.2
DFN8 2x2 package information .................................................. 29
7.3
MiniSO8 package information ................................................... 31
7.4
SO-8 package information ...................................................... 32
8
Ordering information .............................................................33
Revision history .......................................................................34
TSV791, TSV792
Contents
DS13480 - Rev 1
page 35/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com