Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSZ182IDT
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSZ182IDT Datasheet HTML 1Page - STMicroelectronics TSZ182IDT Datasheet HTML 2Page - STMicroelectronics TSZ182IDT Datasheet HTML 3Page - STMicroelectronics TSZ182IDT Datasheet HTML 4Page - STMicroelectronics TSZ182IDT Datasheet HTML 5Page - STMicroelectronics TSZ182IDT Datasheet HTML 6Page - STMicroelectronics TSZ182IDT Datasheet HTML 7Page - STMicroelectronics TSZ182IDT Datasheet HTML 8Page - STMicroelectronics TSZ182IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
DFN6 1.2x1.3
(TSZ181)
SOT23-5
(TSZ181)
DFN8 2x2
(TSZ182)
MiniSO8
(TSZ182)
SO8
(TSZ182)
Features
•
Very high accuracy and stability: offset voltage 25 µV max. at 25 °C, 35 µV over
full temperature range (-40 °C to 125 °C)
•
Rail-to-rail input and output
•
Low supply voltage: 2.2 - 5.5 V
•
Low power consumption: 1 mA max. at 5 V
•
Gain bandwidth product: 3 MHz
•
Automotive qualification
•
Extended temperature range: -40 to 125 °C
•
Micropackages: DFN8 2x2, SO8 and MiniSO8
•
Benefits:
–
Higher accuracy without calibration
–
Accuracy virtually unaffected by temperature change
Applications
•
High accuracy signal conditioning
•
Automotive current measurement and sensor signal conditioning
•
Medical instrumentation
Description
The TSZ181, TSZ182 are single and dual operational amplifiers featuring very low
offset voltages with virtually zero drift versus temperature changes.
The TSZ181, TSZ182 offer rail-to-rail input and output, excellent speed/power
consumption ratio, and 3 MHz gain bandwidth product, while consuming just 1 mA at
5 V. The device also features an ultra-low input bias current.
These features make the TSZ18x ideal for high-accuracy high-bandwidth sensor
interfaces.
Maturity status link
TSZ181
TSZ182
Related products
TSZ121
For zero drift
amplifiers with more
power savings
(400 kHz for 40 μA)
TSZ122
TSZ124
TSV711
For continuous-time
precision amplifiers
TSV731
Very high accuracy (25 µV) high bandwidth (3 MHz) zero drift 5 V operational
amplifiers
TSZ181, TSZ182
Datasheet
DS11863 - Rev 5 - August 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSZ182IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ182IQ2T STMICROELECTRONICS-TSZ182IQ2T Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
TSZ182IST STMICROELECTRONICS-TSZ182IST Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
TSZ182IYST STMICROELECTRONICS-TSZ182IYST Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
More results

Similar Description - TSZ182IDT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ182 STMICROELECTRONICS-TSZ182 Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
STMicroelectronics
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
2Mb / 24P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Jan-2020
TSZ181H STMICROELECTRONICS-TSZ181H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com