Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IDT Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSZ182IDT
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IDT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSZ182IDT Datasheet HTML 22Page - STMicroelectronics TSZ182IDT Datasheet HTML 23Page - STMicroelectronics TSZ182IDT Datasheet HTML 24Page - STMicroelectronics TSZ182IDT Datasheet HTML 25Page - STMicroelectronics TSZ182IDT Datasheet HTML 26Page - STMicroelectronics TSZ182IDT Datasheet HTML 27Page - STMicroelectronics TSZ182IDT Datasheet HTML 28Page - STMicroelectronics TSZ182IDT Datasheet HTML 29Page - STMicroelectronics TSZ182IDT Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Figure 63. Precision instrumentation amplifier schematic
TSZ182
V1
V2
Rg
Rf
Rf
R2
R4
R1
R3
TSZ181
Vout
TSZ182
+
-
-
+
-
+
The gain is set by tuning the Rg resistor. To have the best performance, it is suggested to have R1 = R2 = R3 =
R4. The output is given by Equation 2.
Equation 2
The matching of R1, R2 and R3, R4 is important to ensure a good common mode rejection ratio (CMR).
5.14.3
Low-side current sensing
Power management mechanisms are found in most electronic systems. Current sensing is useful for protecting
applications. The low-side current sensing method consists of placing a sense resistor between the load and the
circuit ground. The resulting voltage drop is amplified using the TSZ181 (see Figure 64. Low-side current sensing
schematic).
Figure 64. Low-side current sensing schematic
-
+
+
-
Rshunt
Rg1
Rg2
C1
Rf1
5 V
Vout
Rf2
T SZ181
I
In
Ip
Vout can be expressed as follows:
Equation 3
Vout
Rshun t I 1
Rg2
Rg2 Rf2
+
1
Rf1
Rg1
–
×
Ip
Rg2 Rf2
Rg2 Rf2
1
Rf1
Rg1
ln Rf1 Vio 1
Rf1
Rg1
+
–
–
+
=
+
+
×
×
+
×
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, Equation 3 can be simplified as follows:
Equation 4
Vout
Rshunt I
Rf
Rg
×
Vio 1
Rf
Rg
–
Rf Iio
×
+
=
+
TSZ181, TSZ182
Application examples
DS11863 - Rev 5
page 26/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com