Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSLF252531M2 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSLF252531M2
Description  metal key operated solenoid switch XCSLF - 2NC2NO - slow - M23 connector - 24V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSLF252531M2 Datasheet(HTML) 2 Page - Schneider Electric

  XCSLF252531M2 Datasheet HTML 1Page - Schneider Electric XCSLF252531M2 Datasheet HTML 2Page - Schneider Electric XCSLF252531M2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
[Ie] rated operational current
1.5 A at 24 V, AC-15 conforming to EN/IEC 60947-5-1
0.22 A at 24 V, DC-13 conforming to EN/IEC 60947-5-1
[Ithe] conventional enclosed thermal current
4 A
Maximum load current
<= 15 A
[Ui] rated insulation voltage
60 V (pollution degree 3) conforming to EN/IEC 60947-1
50 V conforming to UL 508
50 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
0.8 kV EN/IEC 60947-5-1
Minimum switching current
10 mA at 20 °C
Minimum switching voltage
17 V
Short-circuit protection
4 A cartridge fuse type gG (gl)
6 A type fast blow
Maximum actuator forcible withdrawal rtc
3000 N
Minimum actuator force for extraction
20 N
Resistance to mechanical impact
9.6 J against the partition
6.4 J without partition
Maximum operating rate
10 cyc/mn for maximum durability
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 conforming to EN/IEC 61508
Safety reliability data
B10d = 5500000 value given for a life time of 20 years limited by mechanical or
contact wear
Body material
Zamak
Head material
Zamak
Depth
51 mm
Height
225 mm
Width
44 mm
Net weight
1.1 kg
Environment
Standards
CSA C22.2 No 14
EN/IEC 62061
EN/IEC 60947-5-1
EN/IEC 60204-1
EN/ISO 13849-1
EN 1088/ISO 14119
UL 508
Product certifications
UL
CSA
TÜV
Protective treatment
TC
Ambient air temperature for operation
-25…60 °C
Ambient air temperature for storage
-40…70 °C
Vibration resistance
5 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
10 gn for 11 ms conforming to IEC 60068-2-27
Electrical shock protection class
Class III conforming to EN/IEC 61140
IP degree of protection
IP65 conforming to EN/IEC 60529 and EN/IEC 60947-5-1
IP65
Packing Units
Package 1 Weight
1.336 kg
Package 1 Height
0.580 dm
Package 1 width
0.720 dm
Package 1 Length
2.460 dm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com