Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSLF252531M2 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSLF252531M2
Description  metal key operated solenoid switch XCSLF - 2NC2NO - slow - M23 connector - 24V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSLF252531M2 Datasheet(HTML) 1 Page - Schneider Electric

  XCSLF252531M2 Datasheet HTML 1Page - Schneider Electric XCSLF252531M2 Datasheet HTML 2Page - Schneider Electric XCSLF252531M2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 29, 2021
1
Product data sheet
Characteristics
XCSLF252531M2
metal key operated solenoid switch XCSLF -
2NC+2NO - slow - M23 connector - 24V
Product Life Status :
END OF COMMERCIALIZATION
TODAY
JAN 29, 2021
End of Commercialization
End of Standard Service
NOV 03, 2020
NOV 30, 2021
.
Main
Range of product
Preventa Safety detection
Product or component
type
Safety switch
Component name
XCSLF
Design
Slim
Material
Metal
Head type
Key operated turret head
Contacts type and
composition
1 NC + 1 NO
Contact operation
Slow-break, break before make
Solenoid contacts type
and composition
1 NC + 1 NO (slow-break, break before make)
Electromagnet
interlocking
Locking on de-energisation and unlocking on
energisation of solenoid
[Us] solenoid rated supply
voltage
24 V - 15...10 %
Cable outer diameter
7…13 mm
Electrical connection
Male connector M23, 16 pins
Number of poles
2
Locking options
description
With interlocking, locking by solenoid
Local signalling
1 LED (orange) for actuator withdrawn
1 LED (green) for actuator inserted and locked
Signalling circuit voltage
24 V
Product Life Status :
END OF COMMERCIALIZATION
JAN 29, 2021
End of Commercialization
End of Standard Service
NOV 03, 2020
NOV 30, 2021
Complementary
Positive opening
With NC contact
Supply voltage type
AC/DC
Supply frequency
50/60 Hz
Load factor
1
Signalling circuit type
AC/DC
Mechanical durability
1000000 cycles
Minimum actuation speed
0.01 m/s
Maximum actuation speed
0.5 m/s


Similar Part No. - XCSLF252531M2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSLF2525312 SCHNEIDER-XCSLF2525312 Datasheet
87Kb / 2P
metal safety switch XCSLF - 2 NC2 NO- slow break - 3 entries tapped M20 - 24V
Jan 29, 2021
More results

Similar Description - XCSLF252531M2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSLF272731M2 SCHNEIDER-XCSLF272731M2 Datasheet
85Kb / 2P
metal key operated solenoid switch XCSLF - 4NC - slow - M23 connector - 24V
Jan 29, 2021
XCSLF353531M3 SCHNEIDER-XCSLF353531M3 Datasheet
86Kb / 2P
metal key operated solenoid switch XCSLF - 2NC4NO - slow - M23 connector - 24V
Jan 29, 2021
XCSLF353541M3 SCHNEIDER-XCSLF353541M3 Datasheet
87Kb / 3P
metal key operated solenoid switch XCSLF - 2NC4NO - slow - M23 connector - 24V
Jan 29, 2021
XCSLF353551M3 SCHNEIDER-XCSLF353551M3 Datasheet
87Kb / 3P
metal key operated solenoid switch XCSLF - 2NC4NO - slow - M23 connector - 24V
NOV 30, 2021
XCSLF353561M3 SCHNEIDER-XCSLF353561M3 Datasheet
86Kb / 2P
metal key operated solenoid switch XCSLF - 2NC4NO - slow - M23 connector - 24V
Jan 29, 2021
XCSLF373731M3 SCHNEIDER-XCSLF373731M3 Datasheet
86Kb / 2P
metal key operated solenoid switch XCSLF - 4NC2NO - slow - M23 connector - 24V
Jan 29, 2021
XCSLF373741M3 SCHNEIDER-XCSLF373741M3 Datasheet
85Kb / 2P
metal key operated solenoid switch XCSLF - 4NC2NO - slow - M23 connector - 24V
Jan 29, 2021
XCSLF373751M3 SCHNEIDER-XCSLF373751M3 Datasheet
86Kb / 2P
metal key operated solenoid switch XCSLF - 4NC2NO - slow - M23 connector - 24V
XCSLF373761M3 SCHNEIDER-XCSLF373761M3 Datasheet
83Kb / 2P
metal key operated solenoid switch XCSLF - 4NC2NO - slow - M23 connector - 24V
Jan 29, 2021
XCSLF383831M3 SCHNEIDER-XCSLF383831M3 Datasheet
85Kb / 2P
metal key operated solenoid switch XCSLF - 6NC - slow - M23 connector - 24V
Jan 29, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com