Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC4132 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC4132
Description  Automotive Resistive Sensor Signal Conditioner with LIN Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4132 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC4132 Datasheet HTML 1Page - Renesas Technology Corp ZSSC4132 Datasheet HTML 2Page - Renesas Technology Corp ZSSC4132 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZSSC4132
Short-Form Datasheet
Jun.22.20
Page 2
Block Diagram
ZSSC4132
SCM
ADC
Enable
Input
Select
MUX
Temperature
Sensor
Gain
Select
ADC
Mode
Analog
Front-End
External
RTD / PT1000 / KTY
PGA
TS1
TOP
BRP
BRN
BOT
TS2
External PN
Temperature
Sensor
Resistive
Bridge
Sensor
VSSA1
Digital Core
Interface
POWER
VB
LIN
VSS
SCL
SDA
LIN
NVM
RAM
ROM
VDDA
LIN2
SNPD/BSM
TSSUP
VSSA2
VDDA1
VDDA2
CMC
I2C
Analog
Digital
Interface
Power Management
ZSSC4132 Application Example: LIN Pressure and Temperature Sensor
Module powered directly by 12V board
net
Sensor module with 3-pin connector
provides pressure and media
temperature signal within LIN frame
Media temperature signal derived from
external RTD
Temperature compensation via diode
on pressure chip
End-of-line calibration using the one-
wire communication via LIN pin
Slave node position detection based
on
bus shunt method (using LIN2 pin)
19
20
22
21
23
24
LIN
GND
VBAT
CLIN
CVDDA
CVB
RVB
DVB
RSHUNT
BOT
1
2
3
4
5
6
18
17
16
15
14
13
12
11
9
10
8
7
BRP
TS2
ZSSC4132
TOP
VB
BRN
TS1
VSS
LIN
Bridge Sensor
with On-Chip
PN-Junction
Temperature
Sensor
R1
PTC
LIN2
Ordering Information
Note: Contact Renesas for additional options.
Part Number
Description and Package
MSL Rating
Shipping Packaging
Temperature
ZSSC4132CE4R
Single bridge input, LIN output, internal and/or
external temperature measurement, 4.0
 4.0
mm 24-QFN with wettable flanks
MSL1
13” Reel
-40°C to 150°C
ZSSC4132CE4W
Single bridge input, LIN output, internal and/or
external temperature measurement, 4.0
 4.0
mm 24-QFN with wettable flanks
MSL1
7” Reel
-40°C to 150°C
ZSSC4132KIT
ZSSC4132 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, 5 Samples.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com