Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC4132 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSSC4132
Description  Automotive Resistive Sensor Signal Conditioner with LIN Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4132 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSSC4132 Datasheet HTML 1Page - Renesas Technology Corp ZSSC4132 Datasheet HTML 2Page - Renesas Technology Corp ZSSC4132 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Short-Form Datasheet
ZSSC4132
Automotive Resistive Sensor Signal Conditioner with LIN Interface
Jun.22.20
Page 1
19
20
22
21
23
24
LIN
GND
VBAT
CLIN
CVDDA
CVB
RVB DVB
RSHUNT
BOT
1
2
3
4
5
6
18
17
16
15
14
13
12
11
9
10
8
7
BRP
TS2
ZSSC4132
TOP
VB
BRN
TS1
VSS
LIN
Bridge Sensor
with On-Chip
PN-Junction
Temperature
Sensor
LIN2
Description
The ZSSC4132 is member of the Renesas
’s family
of CMOS integrated circuits for highly accurate
amplification and sensor-specific correction of
differential bridge sensor signals. Featuring a
maximum analog pre-amplification in the range of
150 to 200, the ZSSC4132 is adjustable to nearly all
resistive bridges as well as voltage-source sensor
types.
Digital compensation of offset, sensitivity,
temperature drift, and nonlinearity is accomplished
by a 16-bit RISC microcontroller. Calibration
coefficients and configuration data are stored in the
ZSSC4132 non-volatile memory (NVM), which is
reliable in automotive applications.
Measured values are provided via a LIN interface
according to the LIN Specification Package 2.2A.
The LIN interface enables transmission of sensor
data as well as transmission of supplementary data.
End-of-line calibration is also supported through this
output pin based on the LIN protocol. The
ZSSC4132 and the calibration equipment
communicate digitally, so the noise sensitivity is
greatly reduced. Digital calibration helps keep
assembly costs low as no trimming by external
devices or lasers is needed.
The ZSSC4132 is optimized for automotive
environments by overvoltage and reverse-polarity
protection circuitry, excellent electromagnetic
compatibility, and multiple diagnostic features.
Typical Applications
Pressure and temperature sensing for automotive
applications
Main application: HVAC for vehicular
environmental comfort
Available Support
Evaluation Kit
Application Notes
Calculation Tools
Features
Differential bridge sensor input and on-chip or
external temperature sensors, selectable for
conditioning of sensor input signal and/or
temperature output
Digital compensation of offset, gain, and higher
order nonlinearity as well as temperature
coefficients of measured bridge sensor input
signal
Operating temperature range -40°C to 150°C
Accuracy ±0.5% FS at -40°C to 150°C
NVM memory for configuration and calibration
data, and for configurable measurement and
conditioning functionality
LIN interface based on LIN Specification Package
2.2A
Supports output of one or more sensor signals
and product identification via a single LIN
interface connection
Configurable for nearly all resistive bridge
sensors
One-pass end-of-line calibration algorithm
minimizes production costs
No external trimming or components required
Supply voltage: 7V to 18V
Protection up to ± 40V (with external diode at
VBAT)
Input span: 1 to 900 mV/V
Effective ADC resolution: 12 to 14 bit
Output resolution: defined by user LIN frame
specification
up to signed 16-bit for raw data acquisition
Package: 24-QFN (4
 4 mm; wettable flanks)
ZSSC4132 Basic Circuit


Similar Part No. - ZSSC4132

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132 Datasheet
291Kb / 4P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132 RENESAS-ZSSC4132 Datasheet
389Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132CE4R RENESAS-ZSSC4132CE4R Datasheet
291Kb / 4P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132CE4R RENESAS-ZSSC4132CE4R Datasheet
389Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132KIT RENESAS-ZSSC4132KIT Datasheet
291Kb / 4P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
More results

Similar Description - ZSSC4132

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
Automotive Sensor Signal Conditioner
ZSSC3170 IDT-ZSSC3170 Datasheet
653Kb / 30P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC3170 RENESAS-ZSSC3170 Datasheet
1Mb / 31P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
Automotive Resistive Sensor Signal Conditioner with SENT Output
logo
Analog Devices
ADA4558 AD-ADA4558 Datasheet
385Kb / 12P
Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
6/2019-Revision 0
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com