Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2131 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2131
Description  3M??Scotchcast??Flame-Retardant Electrical Insulating Resin 2131
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2131 Datasheet(HTML) 2 Page - 3M Electronics

  2131 Datasheet HTML 1Page - 3M Electronics 2131 Datasheet HTML 2Page - 3M Electronics 2131 Datasheet HTML 3Page - 3M Electronics 2131 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotchcast™ Flame-Retardant Electrical Insulating Resin 2131
2 of 4
Typical Physical
and Electrical
Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Properties (Test Method)
Typical Value
US units (metric)
Color
Black
Hardness (ASTM D2240)
82 Shore A
Density
0.703 oz/in
3 (1,217 g/cm3)
Tensile Strength (ASTM D412)
1038 psi (73,0 kg/cm
2)
Elongation (ASTM D412)
339%
Glass Transition Temperature, Tg (DSC)
-103 ºF (-75ºC)
Maximum Exotherm, 100g (3M TM-67)
147ºF (64ºC) rise
Gel Time @ 75ºF (23ºC) (3M Method TM-67)
17 minutes
Viscosity (cP) @ 77°F (25°C) (3M Method TM-173)
Part A
Prepolymer
Part B
Polyol
600 - 1,100
4,000 - 10,000
Specific Gravity (ASTM D891)
Part A
Prepolymer
Part B
Polyol
1.08
1.29
Moisture Absorption (ASTM D471)
168 hrs. Immersion @ 212ºF (100ºC)
4.9%
Adhesion to Metals (lb/in
2) (3M TM-456)
Copper
550.2
Brass
274
Steel
491.3
Aluminum
221
Adhesion to Cable Jackets (lb/in
2) (3M TM-457)
Vinyl
125
Neoprene
115
Nylon
>72
XLPE
208.5
Electrical Properties (Test Method)
Typical Value
Dielectric Strength (ASTM D149)
343 V/mil (13,5 kV/mm)
Dielectric Constant, @ 60Hz
(ASTM D150)
5.22 @ 73ºF (23ºC)
6.33 @140ºF (60ºC)
6.56 @194ºF (90ºC)
Dissipation Factor, @ 60Hz
(ASTM D150)
5.6% @ 73ºF (23ºC)
7.9% @140ºF (60ºC)
17.0% @194ºF (90ºC)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com