Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2131 Datasheet(PDF) 3 Page - 3M Electronics

Part # 2131
Description  3M??Scotchcast??Flame-Retardant Electrical Insulating Resin 2131
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2131 Datasheet(HTML) 3 Page - 3M Electronics

  2131 Datasheet HTML 1Page - 3M Electronics 2131 Datasheet HTML 2Page - 3M Electronics 2131 Datasheet HTML 3Page - 3M Electronics 2131 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Scotchcast™ Flame-Retardant Electrical Insulating Resin 2131
3 of 4
Usage & Handling
IMPORTANT:
Product should remain in the sealed container/envelope until ready to use. In cold
weather, warm closed mixing pouch to 60°F (16°C) or warmer before mixing. Keep in a
warm area, such as truck cab or inside pocket, until ready to use.
General Instructions
Closed Mixing Pouch:
Tear open the protective envelope and remove the closed mixing pouch
Before breaking the barrier, squeeze the bag to premix the separate
components.
Firmly grasp each flat side of the bag near the center barrier, while pulling
the sides of the barrier apart and rolling the sides of thumbs through the
barrier. Break the barrier all the way across to the side seals.
Alternately squeeze each end of the bag, forcing the resin back and forth
(30 seconds).
Strip the resin from the corners of the bag and continue to mix until the
color is uniform (additional 30 seconds, maximum).
Clip off a corner of the closed mixing pouch and pour
Bulk Components:
Measure the appropriate quantity of each component as indicated in the table below, then
thoroughly mix to a uniform color and consistency prior to use. Opened bulk components
should be blanketed with nitrogen to prevent moisture contamination.
Component
Color
Weight Ratio
(w/w)
Volume Ratio
(v/v)
Part A
Pale Yellow
1
1
Part B
Black
2.1
1.69
Typical De-Mold/Cure Time:
NOTE: Values are typical, not to be considered minimum or maximum. Always confirm
that material is no longer tacky prior to de-molding.
Safety Precautions:
Read all Health Hazard, Precautionary and First Aid statements found in the Safety Data
Sheet (SDS) and/or product label of chemicals prior to handling or use.
Wear protective gloves when using this product.
Temperature
De-Mold Time
Approximate Cure Time
70°F (21°C)
1.5 – 2 hrs
16 – 24 hours
50°F (10°C)
3.5 – 4 hrs
24 – 30 hours
32°F (0°C)
6 – 8 hrs
36+ hours
F CAUTION
Working around energized electrical systems may cause serious injury or
death. Installation should be performed by personnel familiar with good safety
practice in handling electrical equipment. De-energize and ground all electrical
systems before installing product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com