Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72DA Datasheet(PDF) 2 Page - 3M Electronics

Part # 72DA
Description  3M™ Novec™ 72DA Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

72DA Datasheet(HTML) 2 Page - 3M Electronics

  72DA Datasheet HTML 1Page - 3M Electronics 72DA Datasheet HTML 2Page - 3M Electronics 72DA Datasheet HTML 3Page - 3M Electronics 72DA Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Physical Properties
Environmental and Safety Properties
Table 1
Properties
3M™ Novec™
72DA Engineered Fluid
Freon© TE
Gensolv© 2004
AK-225 AES
4310-SMT
Formulation
Azeotrope1
Azeotrope
96% C2Cl3F3
4% Ethanol
Azeotrope
96% CCl2FCH3
4% Methanol
Azeotrope
96% C3Cl2HF5
4.5% Ethanol
Azeotrope2
Boiling Point (°C)
44
45
29.4
52
37
Freeze Point (°C)
-383
-42
N/A
-138
-103
Liquid Density (g/ml)
1.27
1.50
1.22
1.49
1.37
Surface Tension (dynes/cm)
18
17.7
18.5
16.8
15.5
Kauri-Butanol Value
58
40
76
41
N/A
Vapor Pressure (mmHg)
360
362
527
414
471
Viscosity (cps)
0.40
0.65
0.45
0.61
0.47
Heat of Vaporization
(cal/g @ boiling point)
60
43
62
41
53
1
10% 3M™ Novec™ 7100 (C4F9OCH3), 20% 3M™ Novec™ 7200 (C4F9OC5H5), 68% trans-1,2-dichloroethylene, 2% isopropanol
2
52.9% HFC-4310mee (C5H2F10), 43% trans-1,2-dichloroethylene, 4% methanol, 0.1% stabilizer
3
Critical solution temperature
N/A-Not available
Table 2
Properties
3M™ Novec™
72DA Engineered Fluid
Freon© TE
Gensolv© 2004
AK-225 AES
4310-SMT
Ozone Depletion
Potential–ODP1
0.00
0.77
0.11
0.03
0.00
Global Warming
Potential2
43
5800
670
400
7583
Flash Point
None
None
None
None
None
1
CFC-11=1.0
2
IPCC Report, 2001
3
GWP–100 year ITH, CO2 = 1.0
Regulatory Status
The U.S. Environmental Protection Agency (EPA) has listed all components of 3M™ Novec™ 72DA Engineered
Fluid as “acceptable,” without restrictions, under the EPA’s Significant New Alternatives Policy (SNAP) program.
2
3M™ Novec™ 72DA Engineered Fluid
Data compiled
from published
information.
Not for specification
purposes. All values
@ 25°C unless
otherwise specified.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com