Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72DA Datasheet(PDF) 3 Page - 3M Electronics

Part # 72DA
Description  3M™ Novec™ 72DA Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

72DA Datasheet(HTML) 3 Page - 3M Electronics

  72DA Datasheet HTML 1Page - 3M Electronics 72DA Datasheet HTML 2Page - 3M Electronics 72DA Datasheet HTML 3Page - 3M Electronics 72DA Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Table 3
Regulation
Trans-1,2-
dichloroethylene
Trichloroethylene Perchloroethylene Methylene
Chloride
VOC Designation
Yes
Yes
Yes
No
Reportable Quantity for Accidental Release
1000lbs. (1430 lbs. in Novec 72DA)
100 lbs.
100 lbs.
1000 lbs.
Regulated if Emitted into Water
Yes
Yes
Yes
Yes
Hazardous Air Pollutant
No
Yes
Yes
Yes
Annual Reporting (EPCRA 313) (SARA)
No
Yes
Yes
Yes
OSHA List of toxins/carcinogens
No
Yes
Yes
Yes
Regulations and Reporting
Because of its favorable health and environmental properties, trans-1,2-dichloroethylene (t-DCE) is subject to
less stringent regulations in the areas noted compared to the other chlorinated solvents in Table 3. The t-DCE
content of Novec 72DA may be subject to VOC regulations. t-DCE is not considered a Hazardous Air
Pollutant (HAP).
Environmental Policy
3M will continue to recognize and exercise its responsibility to prevent pollution at the source wherever and
whenever possible; develop products that will have a minimal effect on the environment; conserve natural
resources through the use of reclamation and other appropriate methods; assure that its facilities and products
meet and sustain the regulations of all federal, state and local environmental agencies; assist, wherever
possible, governmental agencies and other official organizations engaged in environmental activities.
Safety and Handling
Novec 72DA fluid is nonflammable and does not exhibit flammability characteristics under normal operating
and storage conditions. This fluid is highly resistant to thermal breakdown and hydrolysis in storage and during
use. Before using this product, please read the current Material Safety Data Sheet available through your 3M
sales or technical service representative and the precautionary statement on the product package. Follow all
applicable precautions and directions.
Packaging and Availability
Novec 72DA fluid may be ordered in the following container sizes:
• 1-gallon pail
• 55-gallon drum
Data compiled
from published
information.
Not for specification
purposes.
Regulations on Chlorine-Containing Solvents



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com