Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDD022N50TL Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # RDD022N50TL
Description  N-Channel 650 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RDD022N50TL Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RDD022N50TL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Compliant to RoHS directive 2002/95/EC
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 24 mH, RG = 25 Ω, IAS = 3.2 A (see fig. 12).
c. ISD ≤ 3.2 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. Drain current limited by maximum junction temperature.
PRODUCT SUMMARY
VDS (V)
650
RDS(on) (Ω)VGS = 10 V
3.8
Qg (Max.) (nC)
15
Qgs (nC)
3
Qgd (nC)
6
Configuration
Single
Available
RoHS
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Currente
VGS at 10 V
TC = 25 °C
ID
A
Continuous Drain Current
TC = 100 °C
1.6
Pulsed Drain Currenta
IDM
8.0
Linear Derating Factor
0.48
W/°C
Single Pulse Avalanche Energyb
EAS
165
mJ
Repetitive Avalanche Currenta
IAR
2
A
Repetitive Avalanche Energya
EAR
4
Maximum Power Dissipation
TC = 25 °C
PD
60
W
Peak Diode Recovery dV/dtc
dV/dt
2.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)d
for 10 s
300
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
S
N-Channel MOSFET
G
D
TO-252
GD
S
Top View
2.0
mJ
N-Channel
650 V (D-S)MOSFET
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RDD022N50TL
1


Similar Part No. - RDD022N50TL

ManufacturerPart #DatasheetDescription
logo
Rohm
RDD022N50 ROHM-RDD022N50 Datasheet
815Kb / 15P
Nch 500V 2A Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RDD022N50 DOINGTER-RDD022N50 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - RDD022N50TL

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UD01N65 VBSEMI-UD01N65 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
TSM13N50CIC0 VBSEMI-TSM13N50CIC0 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
TSM15N50CIC0 VBSEMI-TSM15N50CIC0 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
SPP1N60C3 VBSEMI-SPP1N60C3 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
SPP04N60C2 VBSEMI-SPP04N60C2 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SPP11N60CFD VBSEMI-SPP11N60CFD Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
TSM2NB60CPROG VBSEMI-TSM2NB60CPROG Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SSD02N60SL VBSEMI-SSD02N60SL Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SSD02N65SL VBSEMI-SSD02N65SL Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com