Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDD022N50TL Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # RDD022N50TL
Description  N-Channel 650 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RDD022N50TL Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  RDD022N50TL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
0.1
1
5
10
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
5
10
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
5
10
4.0
5.0
6.0
7.0
8.0
9.0
V
= 100V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
2.0
3.5
5.0
5.5
8.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
3.2A
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RDD022N50TL
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com