Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2092 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2092
Description  RF & MICROWAVE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2092 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2092 Datasheet HTML 1Page - Advanced Power Technology MS2092 Datasheet HTML 2Page - Advanced Power Technology MS2092 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS2092.PDF 2-10-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct
Page 2
MS2092
RF & MICROWAVE TRANSISTORS
STATIC ELECTRICAL SPECIFICATIONS (TCASE = 25°°C)
MS2091
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 50 mA
IE = 0 mA
65
V
BVEBO
IE = 5 mA
IC = 0 mA
3.5
V
BVCER
IC = 50mA
RBE = 10
Ω
65
V
ICES
VCE = 50 V
35
mA
ICBO
VCB = 50 V
25
mA
hFE
VCE = 5 V
IC = 1 A
15
120
DYMANIC ELECTRICAL SPECIFICATIONS (TCASE = 25°°C)
MS2091
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 600 – 750 MHz
PIN = 90 W
VCC = 50 V
445
W
ηηc
f = 600 – 750 MHz
PIN = 90 W
VCC = 50 V
35
%
GP
f = 600 – 750 MHz
PIN = 90 W
VCC = 50 V
7.0
dB
Note:
Pulse width = 10µSec
Duty Cycle = 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com