Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2092 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2092
Description  RF & MICROWAVE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2092 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2092 Datasheet HTML 1Page - Advanced Power Technology MS2092 Datasheet HTML 2Page - Advanced Power Technology MS2092 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS2092.PDF 2-10-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct
Page 1
MS2092
RF & MICROWAVE TRANSISTORS
DESCRIPTION
DESCRIPTION
The MS2092 is an internally matched, common base silicon bipolar
device optimized pulsed application in the 600 – 750 MHz frequency
range.
Housed in the industry standard AMPAC
™ metal/ceramic package,
this device uses a refractory/gold overlay die geometry for ruggedness
and long-term reliability.
KEY FEATURES
KEY FEATURES
§ Refractory/Gold
Metallization
§ Internal Input Matching
§ Metal/Ceramic Hermetic
Package
§ POUT = 440 W Min.
§ GP = 7.0 dB Gain
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
S
§ Avionics Applications
* Applies only to rated RF amplifier operation
ABSOLUTE MAXIMUM RATINGS (TCASE = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
(TC
75
°C)
1500
W
IC
Device Current*
32.0
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
-65 to +200
°C
THERMAL DATA
RTH(j-c)
Junction-Case Thermal Resistance
0.13
°C/W


Similar Part No. - MS2092

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MS20 MOSPEC-MS20 Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
Weitron Technology
MS20 WEITRON-MS20 Datasheet
452Kb / 3P
Surface Mount Schottky Power Rectifier
logo
Altech corporation
MS20 ALTECH-MS20 Datasheet
774Kb / 8P
MS016
logo
AVX Corporation
MS20 AVX-MS20 Datasheet
178Kb / 2P
MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
logo
FLEXTRAL
MS20 FLEXTRAL-MS20 Datasheet
314Kb / 1P
MS20 Yellow Mine Spray Air/Water
V04.21
More results

Similar Description - MS2092

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1077 MICROSEMI-MS1077 Datasheet
101Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1403 MICROSEMI-MS1403 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1510 MICROSEMI-MS1510 Datasheet
486Kb / 5P
RF & MICROWAVE TRANSISTORS
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1014-02 MICROSEMI-SD1014-02 Datasheet
193Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1143 MICROSEMI-SD1143 Datasheet
173Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1144 MICROSEMI-SD1144 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS652 ADPOW-MS652 Datasheet
329Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MMBR5179LT1 MICROSEMI-MMBR5179LT1 Datasheet
327Kb / 1P
RF & MICROWAVE TRANSISTORS
logo
New Jersey Semi-Conduct...
SD1541-01 NJSEMI-SD1541-01 Datasheet
188Kb / 3P
RF & MICROWAVE TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com