Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F159V Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 56Page - Renesas Technology Corp F159V Datasheet HTML 57Page - Renesas Technology Corp F159V Datasheet HTML 58Page - Renesas Technology Corp F159V Datasheet HTML 59Page - Renesas Technology Corp F159V Datasheet HTML 60Page - Renesas Technology Corp F159V Datasheet HTML 61Page - Renesas Technology Corp F159V Datasheet HTML 62Page - Renesas Technology Corp F159V Datasheet HTML 63Page - Renesas Technology Corp F159V Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
© 2020 Renesas Electronics Corporation
60
May 15, 2020
F159V Datasheet
Table 55. 4-Bit Charge Pump Current
Decimal Bit 3 Bit 2 Bit 1 Bit 0
Definition
0
0
0
0
0
Set current for 0.31mA
1
0
0
0
1
Set current for 0.63mA
2
0
0
1
0
Set current for 0.94mA (default)
3
0
0
1
1
Set current for 1.25mA
4
0
1
0
0
Set current for 1.56mA
5
0
1
0
1
Set current for 1.88mA
6
0
1
1
0
Set current for 2.19mA
7
0
1
1
1
Set current for 2.50mA
8
1
0
0
0
Set current for 2.81mA
9
1
0
0
1
Set current for 3.13mA
10
1
0
1
0
Set current for 3.44mA
11
1
0
1
1
Set current for 3.75mA
12
1
1
0
0
Set current for 4.06mA
13
1
1
0
1
Set current for 4.38mA
14
1
1
1
0
Set current for 4.69mA
15
1
1
1
1
Set current for 5.00mA
24.2.26. Register 25 (19h)
This register controls the LO power levels for the modulator and external LO port. Each power level defaults to 0dBm. If needed, the modulator
LO power can be increased by setting a 1 bit word. Bits 5 to 7 are unused. The register default is 5 = 05h = 0000_0101b.
Table 56. Register 25: Bit Definition
Bit
Bit Field Name
Default
Definition
0
LO_Out_Pwr[0]
1
Bit 0 of a 2-bit word to set the LO power to the modulator (see Table 57).
1
LO_Out_Pwr[1]
0
Bit 1 of a 2-bit word to set the LO power to the modulator (see Table 57).
2
LO_SW_Out_Pwr[0]
1
Bit 0 of a 2-bit word to set LO power to the external port (see Table 58).
3
LO_SW_Out_Pwr[1]
0
Bit 1 of a 2-bit word to set LO power to the external port (see Table 58).
4
LO_Out_Pwr_extra
0
If this bit is set for logic HIGH, then the LO predriver increases the output power to the
modulator. The addition power is different for each of the LO_Out_Pwr settings.
If this bit is set for logic LOW (default), then the LO predriver will not increase the output power.
5
0
Unused.
6
0
Unused.
7
0
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com