Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F159V Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 17Page - Renesas Technology Corp F159V Datasheet HTML 18Page - Renesas Technology Corp F159V Datasheet HTML 19Page - Renesas Technology Corp F159V Datasheet HTML 20Page - Renesas Technology Corp F159V Datasheet HTML 21Page - Renesas Technology Corp F159V Datasheet HTML 22Page - Renesas Technology Corp F159V Datasheet HTML 23Page - Renesas Technology Corp F159V Datasheet HTML 24Page - Renesas Technology Corp F159V Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
© 2020 Renesas Electronics Corporation
21
May 15, 2020
F159V Datasheet
6. Thermal Characteristics
Table 17. Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance
θJA
32
°C/W
Junction to Case Thermal Resistance.
(Case is defined as the exposed paddle)
θJC-BOT
3
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 3
7. Typical Operating Conditions (TOC)
Unless otherwise noted, for the TOC graphs on the following pages, the following conditions apply:
Baseband I and Q levels = -20dBm each tone (~ 100mVp-p differential/channel/tone across 110Ω)
Baseband I and Q tones = 49MHz, 50MHz
Maximum Gain Setting
Use internal LO with LO_SW_OUT for +4dBm setting
TEP = +25°C
VDD = +3.3V
VCM = +0.325V
Internal fLO = 2050MHz
OIP2 Measured at fLO + (fBB1 ± fBB2)
Enable pins = GND
EVKit RF output trace and connector losses de-embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com