Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0452CEVB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F0452CEVB
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452CEVB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F0452CEVB Datasheet HTML 8Page - Renesas Technology Corp F0452CEVB Datasheet HTML 9Page - Renesas Technology Corp F0452CEVB Datasheet HTML 10Page - Renesas Technology Corp F0452CEVB Datasheet HTML 11Page - Renesas Technology Corp F0452CEVB Datasheet HTML 12Page - Renesas Technology Corp F0452CEVB Datasheet HTML 13Page - Renesas Technology Corp F0452CEVB Datasheet HTML 14Page - Renesas Technology Corp F0452CEVB Datasheet HTML 15Page - Renesas Technology Corp F0452CEVB Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
F0452C Datasheet
© 2020 Renesas Electronics Corporation
12
May 5, 2020
Thermal Characteristics
Table 7.
Thermal Characteristics
Parameter
Symbol
Value
Units
Junction-to-Ambient Thermal Resistance
θJA
31.2
°C/W
Junction-to-Case Thermal Resistance
(Case is defined as the exposed paddle)
θJC_BOT
3.4
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL3
Typical Operating Conditions
Unless otherwise noted:
VDD = +3.3V
TEPAD = 25°C
ZL = ZS = 50Ω single-ended with matching networks
STBY1 = STBY2 = Low or open
SW_CTRL = Low or open
Gain Setting = High Gain Mode
PIN ≤ -30dBm
All temperatures are referenced to the exposed paddle
Evaluation kit traces and connector losses are de-embedded
Programming
Table 8.
Gain Step Truth Table
ATT1_CTRL, ATT2_CTRL
Attenuation Setting
Low or NC
0dB
High
6dB
Table 9.
Standby and RF Switch Truth Table
In TX Mode, the amplifiers are Off but the bias will remain On for fast turn-on recovery time.
STBY1, STBY2
SW1_CTRL, SW2_CTRL
Mode
Amplifier State
Low or NC
Low or NC
RX
On
Low or NC
High
TX
Off
High
High or Low or NC
Standby
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com