Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0452CEVB Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F0452CEVB
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452CEVB Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F0452CEVB Datasheet HTML 16Page - Renesas Technology Corp F0452CEVB Datasheet HTML 17Page - Renesas Technology Corp F0452CEVB Datasheet HTML 18Page - Renesas Technology Corp F0452CEVB Datasheet HTML 19Page - Renesas Technology Corp F0452CEVB Datasheet HTML 20Page - Renesas Technology Corp F0452CEVB Datasheet HTML 21Page - Renesas Technology Corp F0452CEVB Datasheet HTML 22Page - Renesas Technology Corp F0452CEVB Datasheet HTML 23Page - Renesas Technology Corp F0452CEVB Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
F0452C Datasheet
© 2020 Renesas Electronics Corporation
20
May 5, 2020
Application Information
Power Supplies
A common VDD power supply should be used for all pins requiring DC power. All supply pins should be bypassed with external capacitors to
minimize noise and fast transients. Supply noise can degrade the noise figure, and fast transients can trigger ESD clamps and cause them to
fail. Supply voltage change or transients should have a slew rate smaller than 1V / 20µs. In addition, all control pins should remain at
0V (±0.3V) while the supply voltage ramps up or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot, ringing, etc., the following circuit
at the input of each control pin is recommended. This applies to control pins 1, 2, 3, 6, 7, and 8 shown in Figure 29.
Figure 29. Control Pin Interface Schematic
2 pF
5 kΩ
2 pF
5 kΩ
SW1_CTRL
ATT1_CTRL
STBY1
STBY2
SW2_CTRL
ATT2_CTRL
2 pF
5 kΩ
2 pF
5 kΩ
2 pF
5 kΩ
2 pF
5 kΩ
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com