Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1152 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1152
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1152 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1152 Datasheet HTML 1Page - Renesas Technology Corp F1152 Datasheet HTML 2Page - Renesas Technology Corp F1152 Datasheet HTML 3Page - Renesas Technology Corp F1152 Datasheet HTML 4Page - Renesas Technology Corp F1152 Datasheet HTML 5Page - Renesas Technology Corp F1152 Datasheet HTML 6Page - Renesas Technology Corp F1152 Datasheet HTML 7Page - Renesas Technology Corp F1152 Datasheet HTML 8Page - Renesas Technology Corp F1152 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
4
RevO, Feb 2013
F1100
DATASHEET
IDTF1100 SPECIFICATION (CONTINUED)
Parameter
Comment
Symbol
min
typ
max
units
Noise Figure
• F
RF = 850 MHz
• F
IF = 350 MHz
NFSTD
10
dB
NF w/Blocker
50 MHz offset blocker
PIN = +10 dBm
FIF = 350 MHz
FRF = 900 MHz
NFBLK
20.3
dB
Output IP3 –
Narrowband
PIN = -10 dBm per tone
800 KHz Tone Separation
FIF = 350 MHz
FRF = 850 MHz
IP3O1
38
41
dBm
Output IP3 –
Wideband
PIN = -10 dBm per tone
15 MHz Tone Separation
FIF = 350 MHz
IP3O2
41
dBm
2RF X 2LO rejection
PRF = -10 dBm
FIF = 350 MHz
FLO = 1200 MHz
FSPUR = FLO - ½ FIF
2x2
-80
dBc
3RF X 3LO rejection
PRF = -10 dBm
FIF = 350 MHz
FLO = 1200 MHz
FSPUR = FLO –
1/
3 FIF
3x3
-82
dBc
1 dB Compression
Input referred
FIF = 350 MHz
P1dBI
12.4
13.1
dBm
Channel Isolation
IF_B Pout vs. IF_A w/ RF_A input
ISOC
60
dB
LO to IF leakage
ISOLI
-19
-13
dBm
RF to IF leakage
Pin = -10 dBm
ISORI
-39
-33
dBm
LO to RF leakage
ISOLR
-40
dBm
1 – Items in min/max columns in bold italics are Guaranteed by Test
2 – All other Items in min/max columns are Guaranteed by Design Centering
TYPICAL OPERATING CONDITIONS
Unless Otherwise Noted:
•
Dotted Lines: 450 MHz IF / Solid Lines: 350 MHz IF
•
High Side Injection
•
800 KHz Channel Spacing
•
Average of ChA, ChB
•
Pin = -10 dBm
•
Trace & Transformer Losses de-embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com