Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1152 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F1152
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1152 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F1152 Datasheet HTML 10Page - Renesas Technology Corp F1152 Datasheet HTML 11Page - Renesas Technology Corp F1152 Datasheet HTML 12Page - Renesas Technology Corp F1152 Datasheet HTML 13Page - Renesas Technology Corp F1152 Datasheet HTML 14Page - Renesas Technology Corp F1152 Datasheet HTML 15Page - Renesas Technology Corp F1152 Datasheet HTML 16Page - Renesas Technology Corp F1152 Datasheet HTML 17Page - Renesas Technology Corp F1152 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
14
RevO, Feb 2013
F1100
DATASHEET
PIN DESCRIPTIONS
Pin
Name
Function
1
RF_A
Main Channel RF Input. Internally matched to 50 . DO NOT
apply DC to these pins
2, 8, 20
RF_Artn,
RF_Brtn, LO_rtn
Transformer Ground Returns. Ground these pins.
3, 5, 7, 18, 24,
28
GND
Ground these pins.
4, 6, 12, 15,
31, 23, 26, 34
N.C.
No Connection. Not internally connected. OK to connect to Vcc.
OK to connect to GND
10, 16, 21, 30,
36
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
9
RF_B
Diversity Channel RF Input. Internally matched to 50
11
IF_BiasB
Connect the specified resistor from this pin to ground to set the
bias for the Diversity IF amplifier. This is NOT a current set
resistor
13, 14
IFB+, IFB-
Diversity Mixer Differential IF Output. Connect pullup inductors
from each of these pins to VCC (see the Typical Application
Circuit).
17
LO1_ADJ
Connect the specified resistor for either Standard or LC mode
from this pin to ground to set the LO common buffer Icc
19, 27
LO_in
LO_in_alt
Local Oscillator Input. Connect the LO to this port through the
recommended coupling capacitor. Note that you can only
drive one LO port at a time. Remove the series capacitor
from the unused port.
25
NC
Make Certain this pin is not connected. It is normally reserved
for selecting low current mode which the F1100 does not offer
22
STBY
STBY Mode. Pull this pin high for Standby mode (~28 mA). Pull
low or Ground for normal Operation
29
LO2_ADJ
Connect the specified resistor for either Standard or LC mode
from this pin to ground to set the LO drive buffers Icc
32, 33
IFA-, IFA+
Main Mixer Differential IF Output. Connect pullup inductors from
each of these pins to VCC (see the Typical Application Circuit).
35
IF_BiasA
Connect the specified resistor from this pin to ground to set the
bias for the Main IF amplifier. This is NOT a current set resistor
— EP
Exposed Pad. Internally connected to GND. Solder this exposed
pad to a PCB pad that uses multiple ground vias to provide heat
transfer out of the device into the PCB ground planes. These
multiple via grounds are also required to achieve the noted RF
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com