Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1490 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1490
Description  High Gain RF Amplifier 1.8GHz to 5.0GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1490 Datasheet HTML 17Page - Renesas Technology Corp F1490 Datasheet HTML 18Page - Renesas Technology Corp F1490 Datasheet HTML 19Page - Renesas Technology Corp F1490 Datasheet HTML 20Page - Renesas Technology Corp F1490 Datasheet HTML 21Page - Renesas Technology Corp F1490 Datasheet HTML 22Page - Renesas Technology Corp F1490 Datasheet HTML 23Page - Renesas Technology Corp F1490 Datasheet HTML 24Page - Renesas Technology Corp F1490 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
F1490 Datasheet
© 2020 Renesas Electronics Corporation
21
August 17, 2020
Evaluation Kit BOM – 2.3GHz to 2.7GHz
Table 10. 2.3GHz to 2.7GHz Evaluation Kit Bill of Materials (BOM)[a]
Part Reference
Qty.
Description
Mfr. Part #
Mfr.
C1
1
0.8pF ±0.1pF, 50V ,COG Surface Mount Capacitor
GJM1555C1HR80BB01D
Murata
C6
1
0.7pF ±0.1pF, 50V ,COG Surface Mount Capacitor
GJM1555C1HR70BB01D
Murata
C2
1
10pF ±0.25pF, 50V ,COG Surface Mount Capacitor
GJM1555C1H100JB01
Murata
C3, C7, C10, C9
4
33pF ±5%, 25V, COG Surface Mount Capacitor
GRM1555C1H330J
Murata
C4
1
0.1uF ±10%, 16V ,X7R Surface Mount Capacitor
GRM155R71C104KA88D
Murata
C8
1
0.1uF ±10%, 50V ,H8L Surface Mount Capacitor
GCM188L81H104KA57D
Murata
C11
1
1uF ±10%, 25V, X5R Surface Mount Capacitor
GRM188R61E105KA12
Murata
C5
1
22pF ±5%, 50V , COG Surface Mount Capacitor
GRM1555C1H220J
Murata
C12, C13
2
DNI
R1
1
1.5kΩ ±5%, 1/10W
ERJ2GEJJ152
Panasonic
R2
1
1kΩ ±5%, 1/16W
ERJ2GEJJ102
Panasonic
R8, R9, R10
3
0Ω, 1/10W
ERJ2GE0R00X
Panasonic
L2
1
2.2nH ±0.3nH, 300mA, Surface Mount Inductor
LQG15HS2N2S02
Murata
L1
1
1.5nH ±0.3nH, 1A 100mΩ, Surface Mount Inductor
LQG15HN1N5S02D
Murata
J1, J2, J3, J4, J5
5
Connector SMA Jack STR 50ohm Edge Mount
142-0701-851
Cinch Connectivity
J6
1
DNI Headerstrip 1x2
J7
1
Headerstrip 1x10
0022284103
Molex
TP1
1
Loop, Black, Phosphor Bronze Wire Loop
5001
Keystone electronics
U1
1
F1490, GaAs Pre-Driver Amplifier
F1490
IDT
[a] This BOM is optimized for low gain mode performance. Refer to application note for recommended high gain BOM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com