Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1490 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1490
Description  High Gain RF Amplifier 1.8GHz to 5.0GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1490 Datasheet HTML 19Page - Renesas Technology Corp F1490 Datasheet HTML 20Page - Renesas Technology Corp F1490 Datasheet HTML 21Page - Renesas Technology Corp F1490 Datasheet HTML 22Page - Renesas Technology Corp F1490 Datasheet HTML 23Page - Renesas Technology Corp F1490 Datasheet HTML 24Page - Renesas Technology Corp F1490 Datasheet HTML 25Page - Renesas Technology Corp F1490 Datasheet HTML 26Page - Renesas Technology Corp F1490 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
F1490 Datasheet
© 2020 Renesas Electronics Corporation
24
August 17, 2020
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
www.idt.com/document/psc/16-vfqfpn-package-outline-drawing-30-x-30-x-090-mm-050mm-pitch-160-x-160-mm-epad-nlg16p3
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
F1490NLGA
3 × 3 × 0.9 mm 16-VFQFPN
MSL 1
Tray
-40° to +115°C
F1490NLGA8
3 × 3 × 0.9 mm 16- VFQFPN
MSL 1
Tape and Reel
-40° to +115°C
F1490EVB-2P5
Evaluation Board for 2.3GHz to 2.7GHz Band
F1490EVB-3P6
Evaluation Board for 3.3GHz to 3.8GHz Band
Marking Diagram
XXX
YWW$$
F1490
Line 1: “XXX” represents the last three digits of the lot number.
Line 2: “YWW” has one digit for the year and two digits for week that the part was assembled. “$$”
denotes the assembly site.
Line 3: “F1490” is the part number.
Revision History
Revision Date
Description of Change
August 17, 2020
Updated pins 1 and 3 descriptions in Table 1.
May 1, 2020
Added Application Information for Power Supplies.
April 9, 2020
Updated MSL rating.
February 18, 2020
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com