Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2911 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2911
Description  75廓 SPST RF Switch 1MHz to 3500MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2911 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2911 Datasheet HTML 9Page - Renesas Technology Corp F2911 Datasheet HTML 10Page - Renesas Technology Corp F2911 Datasheet HTML 11Page - Renesas Technology Corp F2911 Datasheet HTML 12Page - Renesas Technology Corp F2911 Datasheet HTML 13Page - Renesas Technology Corp F2911 Datasheet HTML 14Page - Renesas Technology Corp F2911 Datasheet HTML 15Page - Renesas Technology Corp F2911 Datasheet HTML 16Page - Renesas Technology Corp F2911 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
F2911 Datasheet
© 2017 Integrated Device Technology, Inc.
13
Rev O, September 21, 2017
Table 8.
Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1
1
0.1µF ±10%, 16V, X7R, Ceramic Capacitor (0402)
GRM155R71C104K
Murata
C2 – C5
4
Not Installed (0402)
R1
1
15kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1502X
Panasonic
R2
1
18kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1802X
Panasonic
R3, R4
2
0Ω, 1/10W, Resistor (0402)
ERJ-2GE0R00X
Panasonic
J1 – J4
4
F-Type Edge Mount
531-40039
Amphenol
J5
1
CONN HEADER VERT 4x2 POS GOLD
67997-108HLF
Amphenol FCI
TP1
0
Not Installed (Red Test Point Loop)
TP2, TP3
0
Not Installed (Black Test Point Loop)
U1
1
SPST Switch 2mm x 2mm 8-pin DFN
F2911NBGP
IDT
1
Printed Circuit Board
F2911EVBI
IDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com