Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2911 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2911
Description  75廓 SPST RF Switch 1MHz to 3500MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2911 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2911 Datasheet HTML 1Page - Renesas Technology Corp F2911 Datasheet HTML 2Page - Renesas Technology Corp F2911 Datasheet HTML 3Page - Renesas Technology Corp F2911 Datasheet HTML 4Page - Renesas Technology Corp F2911 Datasheet HTML 5Page - Renesas Technology Corp F2911 Datasheet HTML 6Page - Renesas Technology Corp F2911 Datasheet HTML 7Page - Renesas Technology Corp F2911 Datasheet HTML 8Page - Renesas Technology Corp F2911 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
75Ω SPST RF Switch
1MHz to 3500MHz
F2911
Datasheet
© 2017 Integrated Device Technology, Inc.
1
Rev O, September 21, 2017
Description
The F2911 is a high reliability, low insertion loss, 75Ω SPST RF
switch designed for a multitude of wireless and RF applications.
This device covers a broad frequency range from 1MHz to
3500MHz. In addition to providing low insertion loss, the F2911
also delivers excellent linearity and isolation performance while
providing a 75Ω termination on one port in the isolation mode.
The F2911 uses a single positive supply voltage supporting either
3.3V or 1.8V control logic.
Competitive Advantage
The F2911 provides broadband RF performance to support the
CATV market along with high power handling, and high isolation.
Low insertion loss
High isolation
Excellent linearity
Extended temperature range
Typical Applications
CATV Infrastructure
CATV Set-Top Boxes
CATV Satellite Modems
Data Network Equipment
Fiber Networks
Features
Low insertion loss: 0.33dB at 1200MHz
High isolation: 53dB at 1200MHz
Supply voltage: +2.7V to +5.5V
1.8V and 3.3V compatible control logic
-40°C to +105°C operating temperature range
2mm x 2mm, 8-pin DFN package
Block Diagram
Figure 1. Block Diagram
Control
Circuit
VDD
V1
RF1
RF2
75
Ω


Similar Part No. - F2911

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2910 IDT-F2910 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
logo
Renesas Technology Corp
F2910 RENESAS-F2910 Datasheet
1Mb / 19P
Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
August 31, 2020
logo
Integrated Device Techn...
F2910EVBI IDT-F2910EVBI Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
logo
Renesas Technology Corp
F2910EVBI RENESAS-F2910EVBI Datasheet
1Mb / 19P
Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
August 31, 2020
logo
Integrated Device Techn...
F2910NBGP IDT-F2910NBGP Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
More results

Similar Description - F2911

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2209 SPECTRUM-TWP2209 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2231 SPECTRUM-TWP2231 Datasheet
40Kb / 1P
SPST RF SWITCH
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
50 廓 & 75 廓 RF Bridges
logo
Texas Instruments
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
0.9-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
10-廓 SPST ANALOG SWITCH
logo
Renesas Technology Corp
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
75廓 SP2T RF Switch 5MHz to 3000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com