Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2912 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2912 Datasheet HTML 9Page - Renesas Technology Corp F2912 Datasheet HTML 10Page - Renesas Technology Corp F2912 Datasheet HTML 11Page - Renesas Technology Corp F2912 Datasheet HTML 12Page - Renesas Technology Corp F2912 Datasheet HTML 13Page - Renesas Technology Corp F2912 Datasheet HTML 14Page - Renesas Technology Corp F2912 Datasheet HTML 15Page - Renesas Technology Corp F2912 Datasheet HTML 16Page - Renesas Technology Corp F2912 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
F2912
F2912, Rev 3, 04/01/2016
13
High Reliability SP2T RF Switch
TYPICAL OPERATING CONDITIONS (- 6 -)
Input IP3 [ 2 GHz]
Input IP3 [ 4 GHz]
Switching Time [TAMB = 25C, 3.3V]
Input IP3 [ 3 GHz]
Input IP3 [ 6 GHz]
Switching Time [TAMB = -40C, 3.3V]
30
35
40
45
50
55
60
65
70
75
80
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Voltage (V)
-55 C / RF1
-55 C / RF2
+25 C / RF1
+25 C / RF2
+125 C / RF1
+125 C / RF2
30
35
40
45
50
55
60
65
70
75
80
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Voltage (V)
-55 C / RF1
-55 C / RF2
+25 C / RF1
+25 C / RF2
+125 C / RF1
+125 C / RF2
1002 nSec
CTL2
RF2
RF1
30
35
40
45
50
55
60
65
70
75
80
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Voltage (V)
-55 C / RF1
-55 C / RF2
+25 C / RF1
+25 C / RF2
+125 C / RF1
+125 C / RF2
30
35
40
45
50
55
60
65
70
75
80
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Voltage (V)
-55 C / RF1
-55 C / RF2
+25 C / RF1
+25 C / RF2
+125 C / RF1
+125 C / RF2
997 nsec
RF2
RF1
CTL2
1050 nSec
1050 nSec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com