Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2912 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2912 Datasheet HTML 1Page - Renesas Technology Corp F2912 Datasheet HTML 2Page - Renesas Technology Corp F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
F2912
Datasheet
High Reliability SP2T RF Switch
9 kHz to 9000 MHz
F2912, Rev 3, 04/01/2016
1
GENERAL DESCRIPTION
The F2912 is a high reliability, low insertion loss, 50 Ω
SP2T absorptive RF switch designed for a multitude of
wireless and other RF applications. This device covers
a broad frequency range from 9 kHz to 9000 MHz. In
addition to providing low insertion loss, the F2912 also
delivers excellent linearity and isolation performance
while providing a 50
 termination to the unused RF
input port.
The F2912 uses a single positive supply voltage of
3.3 V supporting three states using either 3.3 V or
1.8 V user-selectable control voltage. An added
feature includes a Mode CTL pin allowing the user to
control the device with either 1-pin or 2-pin control.
COMPETITIVE ADVANTAGE
The F2912 provides extremely low insertion loss;
particularly important for RF receiver front-end use.
Insertion Loss : 0.4 dB @ 1 GHz
IIP3: +66 dBm
RF1 to RF2 Isolation: 74 dB@ 1 GHz
Negative supply voltage not required
Extended temperature -55 °C to +125 °C
APPLICATIONS
Base Station 2G, 3G, 4G
Portable Wireless
Repeaters and E911 systems
Digital Pre-Distortion
Point to Point Infrastructure
Public Safety Infrastructure
WIMAX Receivers and Transmitters
Military Systems, JTRS radios
RFID handheld and portable readers
Cable Infrastructure
Wireless LAN
Test / ATE Equipment
FEATURES
Very low insertion loss: 0.4 dB @ 1GHz
High Input IP3: +66 dBm
RF1 to RF2 Isolation: 74 dB @ 1GHz
1-pin or 2-pin device control option
Low DC current; 20 μA using 3.3 V logic
Single positive supply voltage: 3.3 V
3.3 V or 1.8 V user-selectable control logic
Operating temperature -55 °C to +125 °C
4 mm x 4 mm 20 pin TQFN package
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
RF2
50
Ω
50
Ω
50
Ω
RF1
RF_COM
CTL
Pins
Logic
CTL
Mode
CTL
F2912NCGI8
Green
Tape &
Reel


Similar Part No. - F2912

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2912NCGI RENESAS-F2912NCGI Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2912NCGI8 RENESAS-F2912NCGI8 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
More results

Similar Description - F2912

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2923 RENESAS-F2923 Datasheet
3Mb / 22P
Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com