Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2914 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2914 Datasheet HTML 9Page - Renesas Technology Corp F2914 Datasheet HTML 10Page - Renesas Technology Corp F2914 Datasheet HTML 11Page - Renesas Technology Corp F2914 Datasheet HTML 12Page - Renesas Technology Corp F2914 Datasheet HTML 13Page - Renesas Technology Corp F2914 Datasheet HTML 14Page - Renesas Technology Corp F2914 Datasheet HTML 15Page - Renesas Technology Corp F2914 Datasheet HTML 16Page - Renesas Technology Corp F2914 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
F2914 Datasheet
X0007072 Rev.1.0
Dec.1.20
Page 13
RFX Switching Time [RFX Terminated to RFX Active]
RFX Switching Time [RFX Active to RFX Terminated]
RFX IIP3 vs. Selected RFX Port
RFX IIP3 vs. Temperature and Voltage
EVKIT Trace and Connector Loss vs. Temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Time (µsec)
50% CTRL to Insertion Loss
-70
-60
-50
-40
-30
-20
-10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Time (µsec)
50% CTRL to Isolation
0
10
20
30
40
50
60
70
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
RF1
RF2
RF3
RF4
0
10
20
30
40
50
60
70
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
-40C, 2.7V
-40C, 3.0V
-40C, 3.3V
-40C, 5.0V
-40C, 5.5V
25C, 2.7V
25C, 3.0V
25C, 3.3V
25C, 5.0V
25C, 5.5V
105C, 2.7V
105C, 3V
105C, 3.3V
105C, 5V
105C, 5.5V
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40C
25C
105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com