Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2972 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2972
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2972 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2972 Datasheet HTML 9Page - Renesas Technology Corp F2972 Datasheet HTML 10Page - Renesas Technology Corp F2972 Datasheet HTML 11Page - Renesas Technology Corp F2972 Datasheet HTML 12Page - Renesas Technology Corp F2972 Datasheet HTML 13Page - Renesas Technology Corp F2972 Datasheet HTML 14Page - Renesas Technology Corp F2972 Datasheet HTML 15Page - Renesas Technology Corp F2972 Datasheet HTML 16Page - Renesas Technology Corp F2972 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
F2972 Datasheet
© 2017 Integrated Device Technology, Inc.
13
Rev O April 19, 2017
Typical Performance Characteristics - 50
Performance
Figure 20. RFC Return Loss [RF1 On State]
Figure 21. RFC Return Loss [RF2 On State]
Figure 22. RF1 Return Loss [RF1 On State]
Figure 23. RF2 Return Loss [RF2 On State]
Figure 24. Switching Time
[Isolation to Insertion Loss State]
Figure 25. Switching Time
[Insertion Loss to Isolation State]
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com