Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2976 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2976
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2976 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2976 Datasheet HTML 1Page - Renesas Technology Corp F2976 Datasheet HTML 2Page - Renesas Technology Corp F2976 Datasheet HTML 3Page - Renesas Technology Corp F2976 Datasheet HTML 4Page - Renesas Technology Corp F2976 Datasheet HTML 5Page - Renesas Technology Corp F2976 Datasheet HTML 6Page - Renesas Technology Corp F2976 Datasheet HTML 7Page - Renesas Technology Corp F2976 Datasheet HTML 8Page - Renesas Technology Corp F2976 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
High Linearity Broadband SP2T
5MHz to 10GHz
F2976
Datasheet
1
Rev O April 19, 2017
Description
The F2976 is a single-pole double-throw (SP2T) reflective RF
switch featuring high linearity and wide bandwidth. This device is
optimized from 5MHz to 1.8GHz to support downstream cable
modem future migration for DOCSIS 3.1 applications, and operates
at up to 10GHz to support a multitude of wireless RF applications.
Superb performance is achieved when used in either 50 or 75
terminating impedance applications.
The F2976 uses a single positive supply voltage of either +3.3V or
+5.0V and is compatible with either 1.8V or 3.3V control logic.
Competitive Advantage
The F2976 provides extremely low insertion loss across the entire
bandwidth while providing superb distortion performance.
Optimized for DOCSIS 3.1 applications up to 1.8GHz
Optimized for Wi-Fi applications up to 5.9GHz
Low insertion loss
High isolation
Fast switching
No external matching required
Typical Applications
Broadband Cable DOCSIS 3.0 / 3.1
Set top box
CATV filter bank switching
Wi-Fi
Cellular BTS
General purpose
General Features
Supply voltage: +2.5V to +5.25V
1.8V and 3.3V compatible control logic
2mm x 2mm, 12-pin TQFN package
-40°C to +105°C operating temperature range
Features (75 )
Low insertion loss:
0.23dB at 204MHz
0.34dB at 1.8GHz
High Isolation: 40dB at 1.8GHz
P0.1dB compression of +37dBm at 204MHz
Second Harmonic: -100dBc at 204MHz
Third Harmonic: -120dBc at 204MHz
Composite Second Order Distortion > 100dBc
Composite Triple Beat Distortion > 100dBc
Features (50 )
Low insertion loss:
0.40dB at 2.4GHz
0.55dB at 8GHz
High Isolation:
34dB at 2.4GHz
High Linearity:
IIP2 +125dBm at 2.4GHz
IIP3 +77dBm at 2.4GHz
P0.1dB compression of +40dBm at 2.4GHz
Second Harmonic: -100dBc at 2.4GHz
Third Harmonic: -110dBc at 2.4GHz
Block Diagram
Figure 1.
Block Diagram
RF2
RF1
RFC
V
CTL
LS


Similar Part No. - F2976

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2976 IDT-F2976 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976EVBI-50OHM IDT-F2976EVBI-50OHM Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976EVBI-75OHM IDT-F2976EVBI-75OHM Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976NEGK IDT-F2976NEGK Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976NEGK8 IDT-F2976NEGK8 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
More results

Similar Description - F2976

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
Linear Technology
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
Integrated Device Techn...
F2972 IDT-F2972 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 IDT-F2976 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Renesas Technology Corp
F2972 RENESAS-F2972 Datasheet
5Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 RENESAS-F2977 Datasheet
3Mb / 19P
High Linearity Broadband SP2T 30MHz to 6GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com