Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2977 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2977
Description  High Linearity Broadband SP2T 30MHz to 6GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2977 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2977 Datasheet HTML 1Page - Renesas Technology Corp F2977 Datasheet HTML 2Page - Renesas Technology Corp F2977 Datasheet HTML 3Page - Renesas Technology Corp F2977 Datasheet HTML 4Page - Renesas Technology Corp F2977 Datasheet HTML 5Page - Renesas Technology Corp F2977 Datasheet HTML 6Page - Renesas Technology Corp F2977 Datasheet HTML 7Page - Renesas Technology Corp F2977 Datasheet HTML 8Page - Renesas Technology Corp F2977 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
High Linearity Broadband SP2T
30MHz to 6GHz
F2977
Datasheet
© 2017 Integrated Device Technology, Inc.
1
Rev O May 19, 2017
Description
The F2977 is a 50
single-pole double-throw (SP2T) reflective RF
switch featuring high linearity and wide bandwidth. This device is
optimized from 30MHz to 6GHz to support a multitude of wireless
RF applications. The F2977 uses a single positive supply voltage
of either +3.3V or +5.0V and is compatible with either 1.8V or 3.3V
control logic.
Competitive Advantage
The F2977 provides extremely low insertion loss across the entire
bandwidth while providing superb distortion performance.
Low insertion loss
High isolation
Low distortion
Fast switching
No external matching required
Typical Applications
Cellular BTS
Cellular BTS small cell
Transmit / Receive switching
Post PA switching
General purpose
Features
Low insertion loss:
0.38dB at 2.4GHz
0.45dB at 6GHz
High Isolation:
39dB at 2.4GHz
High Linearity:
IIP2 +125dBm at 2.4GHz
IIP3 +77dBm at 2.4GHz
P0.1dB compression of +40dBm at 2.4GHz
Second Harmonic: -95dBc at 900MHz
Third Harmonic: -90dBc at 900MHz
Supply voltage: +2.7V to +5.25V
1.8V and 3.3V compatible control logic
-40°C to +105°C operating temperature range
2mm x 2mm, 12-pin VFQFP-N package
Block Diagram
Figure 1.
Block Diagram
RF2
RF1
RFC
V
CTL
EN


Similar Part No. - F2977

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
F2977EVBI IDT-F2977EVBI Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
F2977NEGK IDT-F2977NEGK Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
F2977NEGK8 IDT-F2977NEGK8 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
More results

Similar Description - F2977

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789 Datasheet
691Kb / 14P
2 - 6GHz High Linearity Gain Block
logo
Linear Technology
LTC5510 LINER-LTC5510_15 Datasheet
617Kb / 30P
1MHz to 6GHz Wideband High Linearity Active Mixer
logo
RF Micro Devices
RFHA3960 RFMD-RFHA3960 Datasheet
1Mb / 12P
Broadband Operation DC to 6GHz
logo
Integrated Device Techn...
F2972 IDT-F2972 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 IDT-F2976 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Linear Technology
LTC5510 LINER-LTC5510 Datasheet
617Kb / 30P
1MHz to 6GHz Wideband High Linearity Active Mixer
logo
Renesas Technology Corp
F2972 RENESAS-F2972 Datasheet
5Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com