Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4482LKGI Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F4482LKGI
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482LKGI Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F4482LKGI Datasheet HTML 17Page - Renesas Technology Corp F4482LKGI Datasheet HTML 18Page - Renesas Technology Corp F4482LKGI Datasheet HTML 19Page - Renesas Technology Corp F4482LKGI Datasheet HTML 20Page - Renesas Technology Corp F4482LKGI Datasheet HTML 21Page - Renesas Technology Corp F4482LKGI Datasheet HTML 22Page - Renesas Technology Corp F4482LKGI Datasheet HTML 23Page - Renesas Technology Corp F4482LKGI Datasheet HTML 24Page - Renesas Technology Corp F4482LKGI Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
21
December 15, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Output Third Order Intercept Point
with DSA Set to 14dB Attenuation [d]
OIP3 14dB Attn
DSA = 14dB
TEP = 25˚C
POUT = -3dBm /
tone
5MHz tone
separation
f = 1.8GHz
31
dBm
f = 2.1GHz
31.5
f = 2.6GHz
32
Output Third Order Intercept Point
with DSA Set to 28dB Attenuation [d]
OIP3 28dB Attn
DSA = 28dB
TEP = -40˚C
POUT = -13dBm
/ tone
5MHz tone
separation
f = 1.8GHz
20
dBm
f = 2.1GHz
18.5
f = 2.6GHz
16.5
Output 1dB Compression Point with
DSA Set to 0dB Attenuation [d]
OP1dB 0dB Attn
DSA = 0dB
TEP = 105˚C
f = 1.8GHz
16.5
dBm
f = 2.1GHz
16
f = 2.6GHz
15
Output 1dB Compression Point with
DSA Set to 4dB Attenuation [d]
OP1dB 4dB Attn
DSA = 4dB
TEP = 105˚C
f = 1.8GHz
16.5
dBm
f = 2.1GHz
16
f = 2.6GHz
15
Output 1dB Compression Point with
DSA Set to 14dB Attenuation [d]
OP1dB 14dB Attn
DSA = 14dB
TEP = 25˚C
f = 1.8GHz
12.5
14.6
dBm
f = 2.1GHz
12
14
f = 2.6GHz
12
14
Output 1dB Compression Point with
DSA Set to 28dB Attenuation [d]
OP1dB 28dB Attn
DSA = 28dB
TEP = -40˚C
f = 1.8GHz
0.9
dBm
f = 2.1GHz
-0.4
f = 2.6GHz
-0.7
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these columns that are
not shown in bold italics are confirmed by design characterization.
[b] Signal applied to RFIN_X. Measure desired signal at RFOUT_X and compare to undesired leakage signal level at RFOUT_Y.
[c] Absolute Error = +[0.1 + 0.05*(DSA Attenuator Setting)].
[d] Measured by terminating one differential RFIN port to 50Ω load and applying RF signal to second RFIN port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com