Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4482LKGI Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # F4482LKGI
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482LKGI Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button F4482LKGI Datasheet HTML 24Page - Renesas Technology Corp F4482LKGI Datasheet HTML 25Page - Renesas Technology Corp F4482LKGI Datasheet HTML 26Page - Renesas Technology Corp F4482LKGI Datasheet HTML 27Page - Renesas Technology Corp F4482LKGI Datasheet HTML 28Page - Renesas Technology Corp F4482LKGI Datasheet HTML 29Page - Renesas Technology Corp F4482LKGI Datasheet HTML 30Page - Renesas Technology Corp F4482LKGI Datasheet HTML 31Page - Renesas Technology Corp F4482LKGI Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
28
December 15, 2020
Figure 32. Absolute Error (INL)
Figure 33. Absolute Error (INL) vs Channel
Figure 34. Step Error (DNL)
Figure 35. Step Error (DNL) vs Channel
Figure 36. Common Mode Rejection
Figure 37. Common Mode Rejection vs Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com