Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR3040DC-R Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MUR3040DC-R
Description  ULTRAFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MUR3040DC-R Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MUR3040DC-R Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR3040DC-R Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR3040DC-R Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APPLICATIONS
high frequency and ultra high frequency circuits, respectively
• High forward surge capability
• High reliability
FEATURES
• High current capability
• Low power losses,High efficiency
• For use in low voltage, high frequency inverters
ULTRAFAST RECOVERY RECTIFIERS
• High speed switching capability
Primary Characteristic
IO
V
2*15A
MUR3040CT/FCT/DC
Fast recovery diode, mainly used for rectification, used in high-power
equipment,The express and ultrafast recovery diodes are suitable for
MECHANICAL DATA
• Case: Molded plastic
TO-220F/FCT
TO-220AB/CT
TO-263/DC
Per Leg
Total
Characteristics
Maximum DC Blocking Voltage
V
VDC
400
150℃
Assembly code
400
400
TJ
Maximum Repetitive Peak Reverse Voltage
TO-220AB,TO-263
TO-220F
IFSM
320
A
• Lead free in compliance with EU RoHS 2011/65/EU directive
Storage Temperature Range
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
VRRM
Unit
V
TJmax
Operating Temperature Range
Peak Forward Surge Current,8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
RθJC
°C/W
TSTG
Typical Thermal Resistance (Note1)
°C
°C
2
4
Maximum Average Forward Rectified Current
IO
A
15
30
Symbol
Value
VRWM
V
Working Peak Reverse Voltage
VRRM
IFSM
VF
400V
320A
0.91V
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
• Solder bath temperature 275℃ maximum,10s per JESD 22-B106
• Polarity: As marked
150
-40 to +150
• Mounting Position: Any
• Molded Plastic: UL Flammability Classification Rating 94V-0
TA=25°C
TA=125°C
TA=25°C
TA=125°C
TA=25°C
TA=125°C
TA=25°C
TA=125°C
10.00
-
0.84
-
µA
Note2:Pulse test: 300 µs pulse width, 1 % duty cycle
0.68
Maximum Reverse Recovery Time at IF=0.5A, IR=1A, IRR=0.25A
Trr
-
35.00
ns
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
µA
Symbol
at IF=15A
Forward Voltage Drop(Note2)
VF
Typ.
at IF=5A
1.06
Max.
at IF=3A
Maximum Reverse Current at VR=400V
IR
0.90
-
0.74
-
1.00
0.10
-
0.90
-
1.39
Value
V
Unit
X X
http://www.trr-jx.com
version: 02


Similar Part No. - MUR3040DC-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MUR3040DC-R YFWDIODE-MUR3040DC-R Datasheet
1Mb / 4P
ULTRAFST RECOVERY RECTIFIERS
MUR3040DC-R YFWDIODE-MUR3040DC-R Datasheet
683Kb / 4P
ULTRAFST RECOVERY RECTIFIERS
More results

Similar Description - MUR3040DC-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF150 PANJIT-UF150_04 Datasheet
51Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com