Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR3040DC-R Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MUR3040DC-R
Description  ULTRAFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MUR3040DC-R Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MUR3040DC-R Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR3040DC-R Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MUR3040DC-R Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
0
5
10
15
20
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
200
250
300
350
FIG. 2 MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT PER LEG
8.3ms Single Half Sine Wave
JEDEC Method
Marking on the body
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE (℃)
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
50
100
150
200
250
300
350
400
PERCENT OF VBR(V)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS PER LEG
TA=125℃
TA=25℃
0.5
5
50
0.3
0.5
0.7
0.9
1.1
1.3
1.5
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
TA=25℃
TA=125℃
Unit Weight
0.07oz(1.96g)
0.06oz(1.74g)
0.04oz(1.16g)
0.04oz(1.16g)
Part Number
MUR3040CT
MUR3040FCT
MUR3040DC
MUR3040DC-R
Package
TO-220AB
TO-220F
TO-263
TO-263
Base Quantity
Delivery mode
1000pcs/box 5000pcs/carton
1000pcs/box 5000pcs/carton
1000pcs/box 5000pcs/carton
800pcs/box 4000pcs/carton
800 pcs / reel
Note: For Halogen Free molding compound, add "H" suffix to part number above.
Ordering information
50 pcs / tube
50 pcs / tube
50 pcs / tube
ULTRAFAST RECOVERY RECTIFIERS
MUR3040CT/FCT/DC
http://www.trr-jx.com
version: 02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com